Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 31Page - STMicroelectronics L9779WD Datasheet HTML 32Page - STMicroelectronics L9779WD Datasheet HTML 33Page - STMicroelectronics L9779WD Datasheet HTML 34Page - STMicroelectronics L9779WD Datasheet HTML 35Page - STMicroelectronics L9779WD Datasheet HTML 36Page - STMicroelectronics L9779WD Datasheet HTML 37Page - STMicroelectronics L9779WD Datasheet HTML 38Page - STMicroelectronics L9779WD Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 170 page
background image
DocID027452 Rev 5
35/170
L9779WD
Functional description
169
Legend:
Internal registers =
configuration registers
Interfaces driver =
control registers (OUT_DIS), LS/HS drivers, ext-MOS, IGBT
LB internal registers =
include dedicated configuration bit for Low battery drivers
LB interfaces driver =
control registers (OUT_DIS) + interface drivers logic for Low
battery drivers
MSC_ac =
MSC activity watch-dog
Smart reset logic =
include VDD5 undervoltage and some time counter (TNL,
TD_UV_RST,
THOLD)
Power-up/down manager = include the logic for regulator control and monitoring and
MRD managing.
CAN & K-LINE & VRS
Software reset sent
by the µC through
MSC
No
Internal registers
Interfaces drivers
LB interfaces drivers
LB internal registers
MSC_act
CAN & K-LINE & VRS
Smart reset function
Power-up/down
manager
MRD=ON
VDD5=ON
V3V3=ON
VTRACK1,2=ON
N/A
MSC activity
watch-dog
No
Interfaces drivers
Internal registers
LB interfaces drivers
LB internal registers
CAN & K-LINE & VRS
MSC_act
Smart reset function
Power-up/down
manager
MRD=ON
VDD5=ON
V3V3=ON
VTRACK1,2=ON
TRANS_F
Table 9. Internal reset (continued)
Event
RST
pin
driven
low
Logic under reset
Logic not reset
Power-up/down
manager output
Information
FLAG
Table 10. RST pin external components required
Pin
Symbol
Parameter
Value
Note
RST
Rreset
Pull_up reset reference
4.7 kΩ ± 5 %
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com