Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 62 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 58Page - STMicroelectronics L9779WD Datasheet HTML 59Page - STMicroelectronics L9779WD Datasheet HTML 60Page - STMicroelectronics L9779WD Datasheet HTML 61Page - STMicroelectronics L9779WD Datasheet HTML 62Page - STMicroelectronics L9779WD Datasheet HTML 63Page - STMicroelectronics L9779WD Datasheet HTML 64Page - STMicroelectronics L9779WD Datasheet HTML 65Page - STMicroelectronics L9779WD Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 170 page
background image
Functional description
L9779WD
62/170
DocID027452 Rev 5
6.9.4
LSd function OUT13 to 18 (relay drivers)
Figure 36. LSd function OUT13 to 18 (relay drivers)
LSd functionality description
LSd are 6 protected Low-Side drivers with diagnosis, and over current protection circuit.
They are driven via MicroSecond Channel interface.
When Reset_L9779 signal or OUT_DIS bit is asserted OUT_LSd is switched off.
The turn on/off time is fixed and the slew-rate is controlled.
OUT13 and OUT14 are able to remain active also during crank pulse when the battery
voltage on the VB pin goes below the level VB_LV for a period of time THOLD, this time
lapse calculation is triggered by the falling edge of RST. In this situation VDD5 is below
undervoltage threshold (VDD_UV) and the micro controller is in reset condition. During the
THOLD time the VDD5 supply and the micro controller have to recover and take over
control of the output. Otherwise the output is switched OFF after the THOLD time.
The low battery functionality can be enabled/disabled through bit OUT13_EN_LB and
OUT14_EN_LB of CONF_REG7.
Table 26. LSd electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max Unit
OUT
13 to 18
RDS-on LSd
Drain source resistance
Iload = 0.6 A
-
-
1.5
IOUTlk
Output leakage current
Vpin = 13.5 V
-
-
10
µA
VS/R
Voltage S/R on/off
R = 21 Ω, C = 10 nF
From 80% to 30% of VOUT
2-6
V/µs
VS/R GateKill
FAST VR/S off when an
OVC fault happens
Load: 8 Ω, 10 nF; From
80% to 30% VOUT;
5
-
30
V/µs
TTurn-on_ LSd Turn-on delay time
From command to 80%
VOUT
Load: 21 Ω, 10nF
--
6
µs
TTurn-off_ LSd Turn-off delay time
From command to 30%
VOUT
Load: 21 Ω, 10 nF
--
6
µs
Vcl
Output clamping voltage
Iload = 0.6 A
40
45
50
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com