Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 33Page - STMicroelectronics L9779WD Datasheet HTML 34Page - STMicroelectronics L9779WD Datasheet HTML 35Page - STMicroelectronics L9779WD Datasheet HTML 36Page - STMicroelectronics L9779WD Datasheet HTML 37Page - STMicroelectronics L9779WD Datasheet HTML 38Page - STMicroelectronics L9779WD Datasheet HTML 39Page - STMicroelectronics L9779WD Datasheet HTML 40Page - STMicroelectronics L9779WD Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 170 page
background image
DocID027452 Rev 5
37/170
L9779WD
Functional description
169
6.4.2
VDD5_UV detection modes
VDD5_UV on RST unmasked without enabling VDD5_UV on MSC-SDO
Mode 1 is the default mode. A VDD5_UV event crates a reset of the whole system which
has the advantage that no special undervoltage topics concerning system behavior has to
be cared about. Disadvantage concerns requirements for being functional down to low Ubat.
Masking VDD5_UV on RST without enabling VDD5_UV on MSC-SDO
Advantage of this mode 2 is that the system remains fully functional even in a VDD5_UV
condition. This is especially interesting for systems whose requirements are to be functional
down to low Ubat. However it must be considered that also external components are still
functional at low Ubat. In mode 2 a VDD_UV condition is only detected by polling the
monitoring flag CRK_RST.
Masking VDD5_UV on RST and enabling VDD5_UV output on MSC-SDO
Advantage of this mode 3 compared to mode 2 is that a VDD5_UV event is detected fast as
no software polling of MSC register flag is necessary. This might be useful for external
functions who must be reset fast in case of a VDD_UV event. Advantage compared to
mode 1 is that the µC is not reset and therefore VDD5_UV recovery can be performed
faster.
If a VDD5_UV event occurs, MSC-SDO will go to low level. SDO will keep low permanently
even if VDD5 recovers. So it is guaranteed that even short VDD5_UV events are not
missed. The VDD5_UV condition is detected due to a MSC-SDO low pulse longer than the
length of an upstream frame. Upon detection the µC will have to go to its VDD5_UV
handling routine. There the µC will at first have to disable output of VDD5_UV on SDO for
re-enabling MSC communication and then start polling the CRK_RST flag to check if
undervoltage condition has healed or not. When undervoltage condition has healed and
CRK_RST flag is back to normal, recovery process can continue and the output of
VDD5_UV on MSC-SDO is enabled again for fast detection of an eventual next VDD5_UV
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com