Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 40Page - STMicroelectronics L9779WD Datasheet HTML 41Page - STMicroelectronics L9779WD Datasheet HTML 42Page - STMicroelectronics L9779WD Datasheet HTML 43Page - STMicroelectronics L9779WD Datasheet HTML 44Page - STMicroelectronics L9779WD Datasheet HTML 45Page - STMicroelectronics L9779WD Datasheet HTML 46Page - STMicroelectronics L9779WD Datasheet HTML 47Page - STMicroelectronics L9779WD Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 170 page
background image
Functional description
L9779WD
44/170
DocID027452 Rev 5
VDD5
SVRVDD5
Supply voltage 5 V
rejection
Cout =10 µF; 4 Vpp, VB mean
9 V, f = 20 kHz
40
-
-
dB
VDD_OS
Max overshoot at
switch on
Vbat = 18 V Cout = 1 µF
Rout =100 Ω
--
5.2
V
Max overshoot exiting
from cranking
Not tested, is guaranteed by
design.
--
5.2
V
Tdelay_REG
-
Tested by scan(1)
0.75
1
1.25
ms
VDD_UV_low
VDD5 under voltage
low threshold
-4.5
-
VDD5
(typ.)
-150mV
V
VDD_UV_hys
VDD5 under voltage
hysteresis
-50
-
-
mV
VDD_UV_high
VDD5 under voltage
high threshold
-4.5
-
VDD5
(typ.)
-40 mV
V
VDD_OV_high
VDD5 over voltage
high threshold
-
5.8
-
6.2
V
VDD_OV_hys
VDD5 over voltage
hysteresis
-310
-
460
mV
VDD_OV_low
VDD5 over voltage
low threshold
-
5.5
-
5.9
V
t_VDD5_OV
VDD5 overvoltage
filter time
Tested by scan(1)
75
100
125
µs
TfUV_Reset
VDD5 under voltage
reset filter
Tested by scan(1)
25
50
75
µs
VDD_G
VDD_G
External device
voltage at pin VDD_G
VB = 4.5 V
9.5
-
-
V
Vgs_clamp
External N-DMOS
Vgs clamp
Iclamp = 20 mA
-
VDD5
+10
-V
Ig
Driver capability
VB = 6-18 V
Open loop,
VDD5 = VDD_G = 0 V
500
-
-
µA
Ig_rdson
Driver capability
VB = 4.5 V = VDD_G, open
loop, VDD5 = 0 V
(charge pump current
capability to keep ext MOS in
Rdson mode during crank)
160
-
-
µA
-
Fcp
Oscillator frequency
VB = 6-18 V
Fcp
(typ.)
-5%
9.984
Fcp
(typ.)
+5%
MHz
1. All tests by scan parameters have 25% tolerance.
Table 15. Linear 5 V regulator electrical characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com