Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 67 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 63Page - STMicroelectronics L9779WD Datasheet HTML 64Page - STMicroelectronics L9779WD Datasheet HTML 65Page - STMicroelectronics L9779WD Datasheet HTML 66Page - STMicroelectronics L9779WD Datasheet HTML 67Page - STMicroelectronics L9779WD Datasheet HTML 68Page - STMicroelectronics L9779WD Datasheet HTML 69Page - STMicroelectronics L9779WD Datasheet HTML 70Page - STMicroelectronics L9779WD Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 170 page
background image
DocID027452 Rev 5
67/170
L9779WD
Functional description
169
6.10
LSa, LSb, LSc, LSd diagnosis
Each channel locally detects and writes its own fault or no-fault condition (codified on 2 bit
according to the table FAULT ENCODING CONDITION).
short circuit to battery or overcurrent for all the outputs during ON condition.
open load or short to GND during OFF condition.
The faults are latched and reset every Read Diag operation.
In OFF condition the first fault detected is latched and can be overwritten only by the ON
condition fault.
Channel “on”
Short to Vb:
Current diagnosis is the result of a comparison between driver load current and internal
IOVC thresholds.
If: ILOAD > IOVC for t > TFILTEROVC the driver is switched off and the fault is set, latched and
reset every Read Diag operation.
When the fault occurs the driver is switched off with a controlled slew-rate.
The driver switches on AGAIN in the following conditions:
If command goes LOW and then HIGH again
If command remains active the driver is switched automatically on at every Read
Diag operation.
Short to GND:
Not available.
Open Load:
Not available.
Channel “off”
Short to Vb:
Not available.
Short to GND & open load:
In open load condition an internal circuit drives the OUTx voltage to VOUTOPEN with a
maximum pull-up/down current of IOUT_PU and IOUT_PD.
Diagnosis is done comparing driver output voltage with internal voltage thresholds VHVT
and VLVT: if the voltage is below VLVT a short to GND is detected, if the voltage is above
VLVT and below VHVT an open load is detected and if the voltage is above VHVT no fault is
present.
Diagnosis status is masked for Td_mask time after the off event occurs to allow the output
voltage to reach the proper value.
Short to GND and open load are filtered with TFILTERdiagoff time.
Diag status is latched and reset at every Read Diag operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com