Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 97 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 97 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 93Page - STMicroelectronics L9779WD Datasheet HTML 94Page - STMicroelectronics L9779WD Datasheet HTML 95Page - STMicroelectronics L9779WD Datasheet HTML 96Page - STMicroelectronics L9779WD Datasheet HTML 97Page - STMicroelectronics L9779WD Datasheet HTML 98Page - STMicroelectronics L9779WD Datasheet HTML 99Page - STMicroelectronics L9779WD Datasheet HTML 100Page - STMicroelectronics L9779WD Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 170 page
background image
DocID027452 Rev 5
97/170
L9779WD
Functional description
169
CAN_H
CAN_L
VCANHdom
CANH voltage level
in dominant state
Active mode;
VTXCAN = VTXCANLOW;
RL = 60 Ω
2.75
-
4.5
V
VCANLdom
CANL voltage level
in dominant state
0.5
-
2.25
V
VDIFF,domOUT
Differential output
voltage in dominant
state: VCANHdom-
VCANLdom
1.5
-
3
V
VCM
Driver symmetry:
VCANHdom+VCANLdom
RL = 60 Ω; CSPLIT = 4.7 nF;
0.9*
VCANSUP
VCANSUP
1.1*
VCANSUP
V
VCANHrec
CANH voltage level
in recessive state
VTX_CAN = VTX_CANHIGH;
No load
22.5
3
V
VCANLrec
CANL voltage level
in recessive state
22.5
3
V
VDIFF,recOUT
Differential output
voltage in recessive
state: VCANHrec-
VCANLrec
-50
-
50
mV
VCANHL,CM
Common mode bus
voltage
Application info:
Measured with respect to the
ground of each CAN node
-12
-
+12
V
IOCANH,dom
CANH output current
in dominant state
Active mode;
VTX_CAN = VTX_CANLOW;
VCANH = 0 V
-100
-75
-45
mA
IOCANL,dom
CANL output current
in dominant state
Active mode;
VTX_CAN = VTX_CANLOW;
VCANL = 5 V
45
75
100
mA
ILeakage
Input leakage
current
Unpowered device;
VBUS = 5 V
0
-
250
µA
Rin
Internal resistance
Active mode
VTX_CAN = VTX_CANHIGH;
No load
25
-
45
kΩ
Rin,diff
Differential internal
resistance
Active mode & STBY mode;
VTX_CAN = VTX_CANHIGH;
No load
50
-
85
kΩ
Cin
Internal capacitance Guaranteed by design
-
20
-
pF
Cin,diff
Differential internal
capacitance
Guaranteed by design
-
10
-
pF
VTHdom
Differential receiver
threshold voltage
recessive to
dominant state
Active mode
-
-
0.9
V
Table 42. CAN transceiver electrical characteristics (continued)
Pin
Symbol
Description
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com