Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 43Page - STMicroelectronics L9779WD Datasheet HTML 44Page - STMicroelectronics L9779WD Datasheet HTML 45Page - STMicroelectronics L9779WD Datasheet HTML 46Page - STMicroelectronics L9779WD Datasheet HTML 47Page - STMicroelectronics L9779WD Datasheet HTML 48Page - STMicroelectronics L9779WD Datasheet HTML 49Page - STMicroelectronics L9779WD Datasheet HTML 50Page - STMicroelectronics L9779WD Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 170 page
background image
DocID027452 Rev 5
47/170
L9779WD
Functional description
169
V3V3
IV3V3_MAX
Output current limitation
V3V3
V3V3 = 3 V
VB = 6-18 V
200
-
500
mA
Vline_3
Line regulation voltage
IV3V3 = 5-100 mA
6V < VB < 18 V
--
25
mV
Vload_3
Load regulation voltage
IV3V3 = 5-100 mA
6V < VB < 18 V
--
25
mV
V3V3Drift
Total output 3V3
voltage drift
Cout = 4.7 µF (parameter
validated by reliability test)
--
100
mV
SVRV3V3
Supply voltage 3.3 V
rejection
Cout = 4.7 µF;
4 Vpp, VB mean 9 V, f = 20 kHz
40
-
-
dB
Vdrop_out
-
VDD5 = 3.3 V; IV3V3 =100 mA
-
-
200
mV
V3V3_OS
Max overshoot at
switch on
--
-
3.45
V
-
Max overshoot exiting
from cranking*1
Not tested, it is guaranteed by
design
-
-
3.45
V
TD_Start_V3V
3
Delay between VDD5>
VDD_UV_high and
V3V3 switch on
Tested by scan
-
-
1
ms
Table 16. Linear 3.3 V regulator electrical characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com