Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 92 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 92 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 88Page - STMicroelectronics L9779WD Datasheet HTML 89Page - STMicroelectronics L9779WD Datasheet HTML 90Page - STMicroelectronics L9779WD Datasheet HTML 91Page - STMicroelectronics L9779WD Datasheet HTML 92Page - STMicroelectronics L9779WD Datasheet HTML 93Page - STMicroelectronics L9779WD Datasheet HTML 94Page - STMicroelectronics L9779WD Datasheet HTML 95Page - STMicroelectronics L9779WD Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 170 page
background image
Functional description
L9779WD
92/170
DocID027452 Rev 5
6.14
ISO serial line (K-LINE)
Figure 56. ISO serial line (K-LINE) circuit
6.14.1
ISO serial line (K-LINE) functionality description
The ISO serial line is an interface containing one bidirectional line for communication
between the µP and an external diagnosis tester or anti-theft device. In case of ground loss
the outputs K_LINE get in high impedance state and can withstand a negative voltage up to
-18 V. Short circuit to Vb protection is provided: if the K_LINE pin is shorted to battery the
output is switched off after a delay of tfilter_K_LINE and it is necessary an input change to
turn on it again.
The negative transition at K_LINE pin can be driven with slew-rate limitation for optimizing
the EMI behavior. This slew-rate limitation must be enabled via the ISO_SRC bit.
The K_TX signal is ignored (K_LINE pin to high level) until the RST pin is asserted.
KLINE can work up to 250 kHz input frequency in typical application condition.
Table 41. ISO serial line (K-LINE) functionality electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
K_TX
VKTXL
K_TX input low voltage -
-0.3
-
1.1
V
VKTXH
K_TX input high
voltage
-2.3
-
VDD
+0.3
V
RTX_KPU
TX_KLINE pull-up
resistor
-
50
-
250
kΩ
ITXsink
Transmitter input sink
current
K_LINE = 0, K_TX = High
-
-
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com