Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 53Page - STMicroelectronics L9779WD Datasheet HTML 54Page - STMicroelectronics L9779WD Datasheet HTML 55Page - STMicroelectronics L9779WD Datasheet HTML 56Page - STMicroelectronics L9779WD Datasheet HTML 57Page - STMicroelectronics L9779WD Datasheet HTML 58Page - STMicroelectronics L9779WD Datasheet HTML 59Page - STMicroelectronics L9779WD Datasheet HTML 60Page - STMicroelectronics L9779WD Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 170 page
background image
DocID027452 Rev 5
57/170
L9779WD
Functional description
169
For OUT 5 only the following parameters are different with respect to OUT1 to 4.
OUT5
PWclampRP
Clamp repetitive pulses
Freq = 30 Hz
Tc < 135°C; I_OUT5 < 0.7 A
4.55 Mio cycles
--
12
mJ
Tc < 140°C; I_OUT5 < 0.7 A
3.5 Mio cycles
--
12
Tc < 145°C; I_OUT5 < 0.7 A
3.5 Mio cycles
--
12
Table 19. LSa electrical characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Table 20. LSa diagnosis electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OUT
1 to 5
Ropen load
Min resistor value open
load detection
Not tested
500
-
-
k
Imax
Output current
Not tested
-
2.2
-
A
IOVC
Over current threshold -
3
-
6
A
TFILTEROVC
Over current filtering
time
Tested by scan
2
3
4
µs
TFILTERdiaggoff
Filtering open load and
short to gnd diag. off
Tested by scan
35
50
65
µs
Td_mask
Diagnosis Mask time
after switch-off
Tested by scan
300
-
500
µs
VHVT
Open load threshold
voltage
-
VOutopen
+120mV
-3
V
VOutopen
Open load output
voltage
Open load
condition
2.3
-
2.7
V
VLVT
Output short-circuit to
GND voltage range
threshold
-1.9
-
VOutopen
-200mV
V
IOUT_PD
Output diagnostic pull
down current Off state
Vpin = 5 V
50
-
110
µA
OUT
1 to 5
IOUT_PU
Output diagnostic pull
up current Off state
Vpin = 1.5 V
110
160
210
µA
Itopen
Open load threshold
current
-30
-
90
µA
Table 21. LSa diagnosis electrical characteristics (OUT 5)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OUT 5
Imax
Output current
Not tested
-
3
-
A
IOVC
Over current threshold
-
3.7
-
6.9
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com