Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 45Page - STMicroelectronics L9779WD Datasheet HTML 46Page - STMicroelectronics L9779WD Datasheet HTML 47Page - STMicroelectronics L9779WD Datasheet HTML 48Page - STMicroelectronics L9779WD Datasheet HTML 49Page - STMicroelectronics L9779WD Datasheet HTML 50Page - STMicroelectronics L9779WD Datasheet HTML 51Page - STMicroelectronics L9779WD Datasheet HTML 52Page - STMicroelectronics L9779WD Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 170 page
background image
DocID027452 Rev 5
49/170
L9779WD
Functional description
169
6.8
Main relay driver
Figure 22. Main relay driver controlled by L9779WD
6.8.1
Main relay driver functionality description
Main relay driver MRD is controlled by L9779WD depending on the voltage levels at pins
KEY_ON, VB and the power latch mode set by the µC as described in the previous
sections.
The output stage MRD for main-relay-control is realized with a low-side-switch with
integrated clamping at VCL voltage realized with a zener diode.
When VB is present (VB>VB_LV) the MRD driver is protected, in ON condition, against the
over temperature fault. When the temperature is above junction the MRD is switched off.
After
HYSTERESIS the MRD returns to normal operation automatically.
In case of MRD short to battery without VB present i.e. during start-up sequence, when the
current exceeds the IOVC value, this pin will be switched off after a certain filter time
TFILTEROVC; to turn on MRD again it is necessary a high to low transition on KEY_ON pin.
Refer to scenario 5 (Figure 29).
In case of MRD short to battery with VB present i.e. during normal mode, when the current
exceeds the IOVC value, this pin will be switched off after a certain filter time TFILTEROVC;
the uC can try to turn on the MRD using the command MRD_REACT until the VB voltage is
above VB_UV. Below this threshold the MRD retries to switch on, then if the fault is still
present the MRD switches off and to turn it on again it is necessary a high to low transition
on KEY_ON pin. Refer to scenario 6-7-8 (Figure 30, 31 and 32).
In every condition the bit MRD_OVC reports that the MRD is currently off due to a previous
over current event.
Diagnosis of MRD short to ground may be done as described in the power up/down
management unit, switching off the MRD keeping alive all other regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com