Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 100 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 100 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 96Page - STMicroelectronics L9779WD Datasheet HTML 97Page - STMicroelectronics L9779WD Datasheet HTML 98Page - STMicroelectronics L9779WD Datasheet HTML 99Page - STMicroelectronics L9779WD Datasheet HTML 100Page - STMicroelectronics L9779WD Datasheet HTML 101Page - STMicroelectronics L9779WD Datasheet HTML 102Page - STMicroelectronics L9779WD Datasheet HTML 103Page - STMicroelectronics L9779WD Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 170 page
background image
Functional description
L9779WD
100/170
DocID027452 Rev 5
6.16
Flying wheel interface function
Figure 62. Flying wheel interface circuit
6.16.1
Flying wheel interface functionality description
The flying wheel interface is an interface between the microprocessor and the flying wheel
sensor: it handles signals coming from magnetic pick-up sensor or Hall Effect sensor and
feeds the digital signal to Microcontroller that extracts flying wheel rotational position,
angular speed and acceleration.
This circuit implements an auto adaptative hysteresis and filter time algorithm that can be
configured via MSC using VRS_mode bit.
If the auto adaptive hysteresis is OFF the hysteresis value can be selected using VRS_Hyst
bit.
If fault is present (OL / SC GND / SC VB) the functionality is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com