Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 74 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 70Page - STMicroelectronics L9779WD Datasheet HTML 71Page - STMicroelectronics L9779WD Datasheet HTML 72Page - STMicroelectronics L9779WD Datasheet HTML 73Page - STMicroelectronics L9779WD Datasheet HTML 74Page - STMicroelectronics L9779WD Datasheet HTML 75Page - STMicroelectronics L9779WD Datasheet HTML 76Page - STMicroelectronics L9779WD Datasheet HTML 77Page - STMicroelectronics L9779WD Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 170 page
background image
Functional description
L9779WD
74/170
DocID027452 Rev 5
Table 30. External MOSFET gate pre-drivers
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Uni
t
DRAIN8_9,
OUT8_9
VON
Output voltage high level
-
VDD5
-0.5V
-
VDD5
-
Ileak_L
Leakage current of push-pull
low-side
--
-
1
µA
Ileak_H
Leakage current of push-pull
high-side
--
-
1
µA
Idrive
Turn-on current
-
22
-
12
mA
Idrive
Turn-off current
-
12
-
22
mA
Rgate
External resistive pull-down
Application note
-
200
-
kΩ
VHVT
Output voltage ok range
threshold
-
VOutopen
+120mV
-3
-
VOUTOPEN Output open load voltage
Open load
condition
2.3
-
2.7
V
VLVT
Output Short-circuit to Gnd
threshold voltage
-1.9
-
VOutopen
-200mV
V
IDRAIN_PD
Output diagnostic pull down
current off state
Vpin = 5 V
50
-
110
µA
IDRAIN_PU
Output diagnostic pull up
current off state
Vpin = 1.5 V
110
160
210
µA
Itopen
Open load threshold current
-
30
-
90
µA
TFILTERdiago
ff
Filtering open load and short to
gnd diag. off, Test by scan
-37
50
63
µs
Td_mask
Diagnosis Mask Delay after
switch-off, Test by scan
-
300
-
500
µs
Tdelay
Output on-off delay time
Cout = 10 nF
From command
to 10% of
transition
--
2.2
µs
Vshort
Short to VB fault detection
voltage threshold.
Programmable from 0.15 V to
2.5 V
-
-20%
0.15(1)
+20%
V
-20%
0.3
+20%
-20%
0.45
+20%
-15%
0.5
(defaul
t)
+15%
-15%
1
+15%
-15%
1.5
+15%
-15%
2
+15%
-15%
2.5
+15%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com