Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 36Page - STMicroelectronics L9779WD Datasheet HTML 37Page - STMicroelectronics L9779WD Datasheet HTML 38Page - STMicroelectronics L9779WD Datasheet HTML 39Page - STMicroelectronics L9779WD Datasheet HTML 40Page - STMicroelectronics L9779WD Datasheet HTML 41Page - STMicroelectronics L9779WD Datasheet HTML 42Page - STMicroelectronics L9779WD Datasheet HTML 43Page - STMicroelectronics L9779WD Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 170 page
background image
Functional description
L9779WD
40/170
DocID027452 Rev 5
The non latched information is available for overload and over temperature conditions in
VTRACK_DIAG bit.
If the VB voltage is lower than regulated VDD5 and higher than 4.15 V the value of VDD5
and VTRK1, 2, could be calculated by the following method:
VDPVDD5 = (Rdson ExtNmos) · (IVDD5 + IV3V3)
VDPvtrk1 = (RdsonVTRK1) · IVTRK1
VDPvtrk2 = (RdsonVTRK2) · IVTRK2
Figure 16. Graphic representation of the calculation method
VDD5
=
VB- (VDPVdd5)
VTRK 1, 2 =
VB- (VDPVtrk1,2)
While V3V3 keeps working as expected till VB = 4.15 V
Table 13. Voltage regulators external components required
Pin
Symbol
Parameter
Min
Typ
Max
Suggested part number
VTRK1
CTRK1
External VTRK1
capacitor
100 nF
-
1 µF
C1005X7R1C104K--0.1 µF
C1608X7R1H104K--0.1 µF
VTRK2
CVTRK2
External VTRK2
capacitor
100 nF
-
1 µF
VDD5
CVDD5
External VDD5
capacitor
1 µF
-
10 µF
C2012X7R1E105K-- 1 µF
C1608X7R1C105K-- 1 µF
C3216X7R1H105K--1 µF
C3225X7R1E106K--10 µF
C3225X7R1C106K--10 µF
Ext MOS
External N-MOS
-
-
-
IRFZ24NSTRL; STD20NF06L
(testing reference);
NTD18N06L;
HUF76419D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com