Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 93 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 89Page - STMicroelectronics L9779WD Datasheet HTML 90Page - STMicroelectronics L9779WD Datasheet HTML 91Page - STMicroelectronics L9779WD Datasheet HTML 92Page - STMicroelectronics L9779WD Datasheet HTML 93Page - STMicroelectronics L9779WD Datasheet HTML 94Page - STMicroelectronics L9779WD Datasheet HTML 95Page - STMicroelectronics L9779WD Datasheet HTML 96Page - STMicroelectronics L9779WD Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 170 page
background image
DocID027452 Rev 5
93/170
L9779WD
Functional description
169
K_LINE
VKOUTL
Transmitter output low
voltage
Isink_K_LINE = 35 mA,
K_TX = Low
-1
-
1.5
V
IKOS
Transmitter short
circuit current
K_LINE = VB, K_TX = Low
60
-
165
mA
Tfilter_K_LINE Overcurrent filter time Test by SCAN
7
10
13
µs
IKREV
Reverse battery or
GND loss current
Key_on = VB = 0 V
K_LINE = -18 V
--
10
mA
Under voltage current
Key_on = High,
K_TX = Low, VB = 13.5 V,
K_LINE = -1V
--
1
mA
VKH
Receiver input
hysteresis
-
0.08*VB
-
0.3*VB
V
VKINH
Receiver input high
voltage
-0.7* VB
-
VB
V
VKINL
Receiver input low
voltage
-
-1
-
0.35*VB
V
VK_SR
K_line voltage slew -
rate
From off to on:
VB = 13.5 V, Rext = 510 Ω
C = 10 nF to GND
5.3
-
8.8
V/µs
From on to off
Depends on external RC
load
-
T_fT
Transmitter fall time
CK_LINE = 10 nF,
RK_LINE = 510 Ω
--
10
µs
K_RX
VKRXL
K_RX output low
voltage
VDD_IO = 5 V or 3.3 V
Isink = 2 mA
--
0.5
V
VKRXH
K_RX output high
voltage
VDD_IO = 5 V or 3.3 V
Isource = 2 mA
VDD_IO
-0.5
--
V
T_rK
K_RX rise time
from 10% to 90%
With 20 pF capacitive load
--
2
µs
T_fK
K_RX fall time
from 90% to 10%
20 pF capacitive load
--
2
µs
K_TX,
K_LINE
Tp_HLT
Transmitter turn-on
delay time
CK_LINE = 10 nF,
RK_LINE = 510 Ω
--
5
µs
K_LINE,
K_RX
TpHLK
K_RX turn-on delay
time
Cload = 20 pF
-
-
4
µs
TpLHK
K_RX turn-off delay
time
Cload = 20 pF
-
-
4
µs
Table 41. ISO serial line (K-LINE) functionality electrical characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com