Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 75 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 71Page - STMicroelectronics L9779WD Datasheet HTML 72Page - STMicroelectronics L9779WD Datasheet HTML 73Page - STMicroelectronics L9779WD Datasheet HTML 74Page - STMicroelectronics L9779WD Datasheet HTML 75Page - STMicroelectronics L9779WD Datasheet HTML 76Page - STMicroelectronics L9779WD Datasheet HTML 77Page - STMicroelectronics L9779WD Datasheet HTML 78Page - STMicroelectronics L9779WD Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 170 page
background image
DocID027452 Rev 5
75/170
L9779WD
Functional description
169
6.12.1
External MOSFET gate pre-drivers diagnosis
Each channel locally detects and writes its own fault or no-fault condition (codified on 2 bit
according to the Table 28: Fault encoding condition).
Short circuit to battery or overcurrent for all the outputs during ON condition.
Open load or short to GND during OFF condition.
The faults are latched and reset at every Read Diag operation.
In “off” conditions the first fault detected is latched and can be overwritten only by the ON
condition fault.
Channel “on”
Short to Vb:
Current diagnosis is the result of a comparison between Drain pin voltage and the internal
Vshort threshold selected by MSC.
If: Vdrain> Vshort for t > TSHORT
the driver is switched off and the fault is set, latched and reset at every Read Diag
operation.
When the fault occurs the driver is switched off with a controlled slew-rate.
The drivers switches on AGAIN in the following conditions:
If command goes LOW and than HIGH again
If command remains active driver is switched automatically on at every Read Diag
operation.
Short to GND:
Not available.
Open load:
Not available.
DRAIN8_9,
OUT8_9
Tshort
Short to VB fault filter time.
Programmable from 1.3 µs to
170 µs, Test by scan
--25%
1.3
+25%
µs
2.6
5.2
(defaul
t)
10
21
42
84
170
1. 0.172 for OUT8.
Table 30. External MOSFET gate pre-drivers (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Uni
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com