Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 38Page - STMicroelectronics L9779WD Datasheet HTML 39Page - STMicroelectronics L9779WD Datasheet HTML 40Page - STMicroelectronics L9779WD Datasheet HTML 41Page - STMicroelectronics L9779WD Datasheet HTML 42Page - STMicroelectronics L9779WD Datasheet HTML 43Page - STMicroelectronics L9779WD Datasheet HTML 44Page - STMicroelectronics L9779WD Datasheet HTML 45Page - STMicroelectronics L9779WD Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 170 page
background image
Functional description
L9779WD
42/170
DocID027452 Rev 5
Table 14. VB Power supply electrical characteristics
Pin
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VB
Ib
Quiescent current from
VB pin
VB = 16 V
Min. load on regulator outputs(1)
--
50
mA
ILeak
Standby current
VB = 16V; VKEY_ON = GND
Guaranteed at room temp.
--
10
µA
VB = 16V; VKEY_ON = GND
Guaranteed at hot temp.
--
100
VB_UV_H
Under voltage switch on
threshold high
MRD, Low battery channels
switch-on in power up
--
4.8
V
VB_UV_L
Under voltage switch off
threshold Low
MRD, Low battery channels
switch-off
3.5
-
4.145
VB_OV_UP
Over voltage switch off
threshold
--
-
32
V
VB_OVh
Over voltage threshold
hysteresis
-0.3
-
1
V
VB_OV_DO
WN
Over voltage switch off
threshold
-28.5
-
-
V
tVBOV1
Filter time for drivers turn-
off
Tested by scan
63
85
107
µs
tVBOV2
Filter time for regulators
turn-off
Tested by scan
11
15
19
ms
1. Min. load on regulator output is Vtrk1 = 1 mA,Vtrk2 = 1 mA,V3V3 = 5 mA,VDD5 is open.(5 mA on V3V3 is from VDD5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com