Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 70 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 66Page - STMicroelectronics L9779WD Datasheet HTML 67Page - STMicroelectronics L9779WD Datasheet HTML 68Page - STMicroelectronics L9779WD Datasheet HTML 69Page - STMicroelectronics L9779WD Datasheet HTML 70Page - STMicroelectronics L9779WD Datasheet HTML 71Page - STMicroelectronics L9779WD Datasheet HTML 72Page - STMicroelectronics L9779WD Datasheet HTML 73Page - STMicroelectronics L9779WD Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 170 page
background image
Functional description
L9779WD
70/170
DocID027452 Rev 5
6.11.1
Ignition pre-drivers functionality description
The 4 ignition pre-drivers are push-pull output with diagnosis and over current protection
circuit. They can drive IGBT Darlington transistors.
The load is switched on with a current and switched off with I_LS_cont current.
They are driven via MicroSecond Channel.
When Reset_L9779 signal or OUT_DIS bit is asserted, output IGNx becomes high
impedance.
By MSC command it is possible to have the low-side stage always off, in this case there is
an external pull down resistor that discharges.
The IGNx output in Off phase. This Bit is present in config2(0) and its name is LS_IGN_OFF.
Table 29. Ignition pre-drivers electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
IGN1 to 4
VDD5
Supply voltage range
Info only
4.9
-
5.1
V
Vign
Output voltage high level
I_cont = 15 mA
4.35
-
V
Ileak_out Leakage current
-
-10
-
10
µA
-I_lim
High-side current limitation
-
19
-
33
mA
I_LS_cont
LS path continuous current
capability
Add also the RDSON
Test
--
30
mA
I_LS_RD
S on
LS RDSON
-
3
-
14
Ω
IOVC
High side over current detection
-
7
-
14
mA
VLVT
Output short-circuit to Gnd
threshold voltage
-1.6
1.8
2
V
Vign_scb SCB detection voltage
-
VDD5
+0.1V
-
VDD5
+2V
-
Iol
OL detection current
-
100
-
850
µA
Tdon
Output on delay time
CIgn = 10 nF
-
-
10
µs
Tign_filt
OVC/Open load diagnosis filter
time, Test by scan
-50
-
100
µs
Tr
Output on rise time
CIgn = 10 nF
-
-
10
µs
Tdoff
Output off delay time
CIgn = 10 nF
-
-
10
µs
Tf
Output off fall time
CIgn = 10 nF
-
-
10
µs
Rload
Resistive load
For info only
1
-
10
k
Cout
Output capacitance loads
For info only
4
-
15
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com