Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 200 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 200 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 195Page - Dallas Semiconductor DS3134 Datasheet HTML 196Page - Dallas Semiconductor DS3134 Datasheet HTML 197Page - Dallas Semiconductor DS3134 Datasheet HTML 198Page - Dallas Semiconductor DS3134 Datasheet HTML 199Page - Dallas Semiconductor DS3134 Datasheet HTML 200Page - Dallas Semiconductor DS3134 Datasheet HTML 201Page - Dallas Semiconductor DS3134 Datasheet HTML 202Page - Dallas Semiconductor DS3134 Datasheet HTML 203Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 200 / 203 page
background image
DS3134
200 of 203
QUAD T1/E1 CONNECTION Figure 14C
16 Port T1 or E1 with 256 HDLC Channel Support
Figure 14D shows an application where 16 T1 ports are interfaced to a single DS3134.
In this
application, the T1 lines can be either clear channel or channelized. The DS21Q552 Quad T1 Transceiver
performs the line interface function and frames to the T1 line. To convert this application to an E1
design, the DS21Q552 is replaced with the DS21Q554 Quad E1 Transceiver, which is pin-for-pin
compatible. The DS21Q552 and DS21Q554 devices also are available in 3.3V versions (DS21Q352 and
DS21Q354 respectively).
16 Port T1 Application Figure 14D
DS3134
CHATEAU
DS21Q552
Quad T1
Transceiver
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port 10
Port 11
Port 12
Port 13
Port 14
Port 15
app_d
Four
T1 Lines
Four
T1 Lines
Four
T1 Lines
Four
T1 Lines
DS21Q552
Quad T1
Transceiver
DS21Q552
Quad T1
Transceiver
DS21Q552
Quad T1
Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com