Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 196 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 196 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 192Page - Dallas Semiconductor DS3134 Datasheet HTML 193Page - Dallas Semiconductor DS3134 Datasheet HTML 194Page - Dallas Semiconductor DS3134 Datasheet HTML 195Page - Dallas Semiconductor DS3134 Datasheet HTML 196Page - Dallas Semiconductor DS3134 Datasheet HTML 197Page - Dallas Semiconductor DS3134 Datasheet HTML 198Page - Dallas Semiconductor DS3134 Datasheet HTML 199Page - Dallas Semiconductor DS3134 Datasheet HTML 200Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 203 page
background image
DS3134
196 of 203
AC CHARACTERISTICS - PCI BUS INTERFACE
(0
°C TO +70°C; VDD = 3.0V TO 3.6V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
PCLK Period
t1
30
40
ns
PCLK Low Time
t2
12
ns
PCLK High Time
t3
12
ns
All PCI Inputs & I/O Set Up Time to the
Rising Edge of PCLK
t4
7
ns
All PCI Inputs & I/O Hold Time from the
Rising Edge of PCLK
t5
0
ns
Delay from the Rising Edge of PCLK to
Data Valid on all PCI Outputs & I/O
t6
2
11
ns
Delay from the Rising Edge of PCLK to
Tri-State on all PCI Outputs & I/O
t7
28
ns
Delay from the Rising Edge of PCLK to
Data Valid from Tri-State on all PCI
Outputs & I/O
t8
2
ns
PCI BUS INTERFACE AC TIMING DIAGRAM Figure 12D
Data Valid
PCLK
PCI Input
& I/O
PCI Output
& I/O
PCI Output &
I/O to Tri-State
PCI Output &
I/O from Tri-State
Data Valid
Tri-State
Tri-State
t4
t5
t6
t7
t8
t1
t2
t3
pci_ac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com