Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 193 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 193 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 189Page - Dallas Semiconductor DS3134 Datasheet HTML 190Page - Dallas Semiconductor DS3134 Datasheet HTML 191Page - Dallas Semiconductor DS3134 Datasheet HTML 192Page - Dallas Semiconductor DS3134 Datasheet HTML 193Page - Dallas Semiconductor DS3134 Datasheet HTML 194Page - Dallas Semiconductor DS3134 Datasheet HTML 195Page - Dallas Semiconductor DS3134 Datasheet HTML 196Page - Dallas Semiconductor DS3134 Datasheet HTML 197Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 203 page
background image
DS3134
193 of 203
AC CHARACTERISTICS - LOCAL BUS IN CONFIGURATION MODE (LMS = 1)
(0
°C TO +70°C; VDD = 3.0V TO 3.6V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Set Up Time for LA[15:0] Valid to LCS*
Active
t1
0
ns
Set Up Time for LCS* Active to Either
LRD*, LWR*, or LDS* Active
t2
0
ns
Delay Time from Either LRD* or LDS*
Active to LD[15:0] Valid
t3
120
ns
1
Hold Time from Either LRD*, LWR*, or
LDS* Inactive to LCS* Inactive
t4
0
ns
Hold Time from LCS* Inactive to
LD[15:0] Tri-State
t5
5
20
ns
Wait Time from Either LWR* or LDS*
Active to Latch LD[15:0]
t6
75
ns
1
LD[15:0] Set Up Time to Either LWR* or
LDS* Inactive
t7
40
ns
LD[15:0] Hold Time from Either LWR*
or LDS* Inactive
t8
2
ns
LA[15:0] Hold from Either LWR* or
LDS* Inactive
t9
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com