Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 190 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 190 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 186Page - Dallas Semiconductor DS3134 Datasheet HTML 187Page - Dallas Semiconductor DS3134 Datasheet HTML 188Page - Dallas Semiconductor DS3134 Datasheet HTML 189Page - Dallas Semiconductor DS3134 Datasheet HTML 190Page - Dallas Semiconductor DS3134 Datasheet HTML 191Page - Dallas Semiconductor DS3134 Datasheet HTML 192Page - Dallas Semiconductor DS3134 Datasheet HTML 193Page - Dallas Semiconductor DS3134 Datasheet HTML 194Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 203 page
background image
DS3134
190 of 203
AC CHARACTERISTICS - LAYER ONE PORTS
(0
°C TO +70°C; VDD = 3.0V TO 3.6V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
RC / TC Clock Period
t1
100
ns
1
t1
19
ns
2
RC / TC Clock Low Time
t2
40
ns
1
t2
8
ns
2
RC / TC Clock High Time
t3
40
ns
1
t3
8
ns
2
RD Set Up Time to the Falling Edge
or Rising Edge of RC
t4
t4
5
2
ns
ns
1
2
RS / TS Set Up Time to the Falling
Edge or Rising Edge of RC / TC
t4
5
t1 – 10
ns
1
RD Hold Time from the Falling Edge
or Rising Edge of RC
t5
t5
5
1
ns
1
2
RS / TS Hold Time from the Falling
Edge or Rising Edge of RC / TC
t5
5
t1 – 10
ns
1
Delay from the Rising Edge or
Falling Edge of TC to Data Valid on
TD
t6
t6
5
3
25
15
ns
ns
1
2
Notes:
1. Ports 0 to 15 in applications running up to 10 MHz.
2. Port 0 or Port 1 running in applications up to 52 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com