Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3134 Datasheet(PDF) 191 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 191 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 187Page - Dallas Semiconductor DS3134 Datasheet HTML 188Page - Dallas Semiconductor DS3134 Datasheet HTML 189Page - Dallas Semiconductor DS3134 Datasheet HTML 190Page - Dallas Semiconductor DS3134 Datasheet HTML 191Page - Dallas Semiconductor DS3134 Datasheet HTML 192Page - Dallas Semiconductor DS3134 Datasheet HTML 193Page - Dallas Semiconductor DS3134 Datasheet HTML 194Page - Dallas Semiconductor DS3134 Datasheet HTML 195Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 203 page
background image
DS3134
191 of 203
LAYER ONE PORT AC TIMING DIAGRAM Figure 12A
Note:
TC and RC are independent from each other. In the above timing diagram, all the signals started with “T”
are reference to the transmit clock TC and all the signals started with “R” are reference to the receive
clock RC.
AC CHARACTERISTICS - LOCAL BUS IN BRIDGE MODE (LMS = 0)
(0
°C TO +70°C; VDD = 3.0V TO 3.6V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Delay Time from the Rising Edge of
LCLK to Output Valid from Tri-State
t1
2
10
ns
Delay Time from the Rising Edge of
LCLK to Tri-State from Output Valid
t2
2
15
ns
Delay Time from the Rising Edge of
LCLK to Output Valid from an
Already Active Drive State
t3
2
10
ns
LD[15:0] Set Up Time to the Rising
Edge of LCLK
t4
5
ns
LD[15:0] Hold Time from the Rising
Edge of LCLK
t5
2
ns
Input Set Up Time to the Rising Edge
of LCLK
t6
10
ns
Input Hold Time from the Rising
Edge of LCLK
t7
15
ns
RC[n] / TC[n]
Normal Mode
RD[n] / RS[n] /
TS[n]
TD[n]
t4
t5
t6
t1
t2
t3
RC[n] / TC[n]
Inverted Mode
l1 ac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com