Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 48Page - STMicroelectronics ST95HF Datasheet HTML 49Page - STMicroelectronics ST95HF Datasheet HTML 50Page - STMicroelectronics ST95HF Datasheet HTML 51Page - STMicroelectronics ST95HF Datasheet HTML 52Page - STMicroelectronics ST95HF Datasheet HTML 53Page - STMicroelectronics ST95HF Datasheet HTML 54Page - STMicroelectronics ST95HF Datasheet HTML 55Page - STMicroelectronics ST95HF Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
Electrical characteristics
ST95HF
52/93
DocID025630 Rev 4
6
Electrical characteristics
6.1
Absolute maximum ratings
Note:
Stresses listed above may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those
indicated in the operational sections of the specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Table 44. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VPS_Main Supply voltage (1)
–0.3 to 7.0
V
VPS_TX
Supply voltage (RF drivers)
–0.3 to 7.0
V
VIO
Input or output voltage relative to ground
–0.3 to VPS_Main +0.3
V
VMaxCarrier Maximum input voltage (pins RX1 and RX2)
±14.0
V
TA
Ambient operating temperature
–25 to +85
°C
Ambient operating temperature (RF mode)
–25 to +85
TSTG
Storage temperature (Please also refer to package specification).
–65 to +150
°C
TLEAD
Lead temperature during soldering
See note(2)
°C
VESD
Electrostatic discharge voltage according to JESD22-A114,
Human Body Model
2000
V
PTOT (3)
Total power dissipation per package
1
W
1. To properly reset the device, VPS_Main must be tied to 0V before executing the start-up sequence.
2. Compliant with JEDEC standard J-STD-020D (for small-body, Sn-Pb or Pb assembly), the ST ECOPACK® 7191395
specification, and the European directive on Restrictions on Hazardous Substances (RoHS directive 2011/65/EU of July
2011).
3. Depending on the thermal resistance of package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com