Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 28Page - STMicroelectronics ST95HF Datasheet HTML 29Page - STMicroelectronics ST95HF Datasheet HTML 30Page - STMicroelectronics ST95HF Datasheet HTML 31Page - STMicroelectronics ST95HF Datasheet HTML 32Page - STMicroelectronics ST95HF Datasheet HTML 33Page - STMicroelectronics ST95HF Datasheet HTML 34Page - STMicroelectronics ST95HF Datasheet HTML 35Page - STMicroelectronics ST95HF Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
Commands
ST95HF
32/93
DocID025630 Rev 4
For more detailed examples of use with NFC Forum and ISO/IEC 15693 tags, refer to
Appendix D on page 69.
If Parity Framing mode is used, the parity bit stays unchanged. On transmission, it is not
encoded and on reception it is not decoded. The length of Data must be even. Each data
byte is accompanied by an additional byte which encodes the parity:
<DataByte>, <Parity>, <DataByte>, <Parity> …
On reception, bits [6:0] of the parity byte are zeroes; on transmission, bits [6:0] are ignored.
5.7
Listen command (0x05) description
In Card Emulation mode, this command waits for a command from an external reader.
Before sending this command, the application must select a protocol.
After reception of the LISTEN command and the return of a ‘No error’ confirmation, the
ST95HF enters Listening mode. The host controller has to use SPI Poll mode or IRQ_OUT
pin to detect when a receive frame is available in the ST95HF buffer. The ST95HF will exit
Listening mode as soon it receives the ECHO command (0x55) from the Host Controller
(MCU) or a command from an external reader (not including commands supported by the
ACFILTER command listed in Table 42).
In all cases, the ST95HF will send data or an error code to the Host controller (MCU).
Table 19. Structure of Parity byte
Bit
Description
7
Parity bit
[6:0]
Reserved for future use
Table 20. LISTEN command description
Direction
Data
Comments
Example
Host to
ST95HF
05
Command code
0x0500
: Enters a Listening mode where the
ST95HF waits for a command from an external
reader.
00
Length of data
ST95HF to
Host
00
Result code
0x0000
: No error. Confirmation that ST95HF
now is in Listening mode.
00
Length of data
ST95HF to
Host
82
Error code
0x8200
: Invalid command length
00
Length of data
ST95HF to
Host
83
Error code
0x8300
: Invalid protocol or protocol is not
supported. For example, application selects
protocol ISO/IEC 15693 using command select
protocol and then executes the LISTEN
command. ISO/IEC 15693 is not supported in
Card Emulation mode.
00
Length of data
ST95HF to
Host
8F
Error code
0x8F00
: No field. Command cannot be
executed because there is no external field.
00
Length of data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com