Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 19Page - STMicroelectronics ST95HF Datasheet HTML 20Page - STMicroelectronics ST95HF Datasheet HTML 21Page - STMicroelectronics ST95HF Datasheet HTML 22Page - STMicroelectronics ST95HF Datasheet HTML 23Page - STMicroelectronics ST95HF Datasheet HTML 24Page - STMicroelectronics ST95HF Datasheet HTML 25Page - STMicroelectronics ST95HF Datasheet HTML 26Page - STMicroelectronics ST95HF Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
DocID025630 Rev 4
23/93
ST95HF
Commands
92
ISO/IEC 14443
Type B
NFC Forum Tag
Type 4B
0x03
0
7:6
Transmission data rate
00
: 106 Kbps
01
: 212 Kbps
10
: 424 Kbps
11
: 848 Kbps
>>>0x02020301
:
ISO/IEC 14443 Type B tag with
CRC appended
5:4
Reception data rate
00
: 106 Kbps
01
: 212 Kbps
10
: 424 Kbps
11
: 848 Kbps
3:1
RFU
0
Append CRC if set to ‘1’.
(1)
17:0
PP
These 9 bytes are optional.
Default value of PP:MM:DD is 0
and corresponds to FWT
~302µs.
FWT =
(2^PP)*(MM+1)*(DD+128)*
32/13.56 µs
27:0
MM
3
7:0
DD (optional to PP:MM)
5:4
7:0
TTTT (Optional)
TR0 = TTTT/FC (LSB first),
default 1023 = 0x3FF
6
7:0
YY (Optional)
PCD Min TR1 (Min_TR1 = 8 *
XX / fS), default = 0
7
7:0
ZZ (Optional)
PCD Max TR1 (Max_TR1 = 8 *
ZZ / fS), default = 26 = 0x1A
8
7:0
ST Reserved (Optional)
-
9
7:0
ST Reserved (Optional)
-
Table 12. List of <Parameters> values for the PROTOCOLSELECT command
for different protocols (Reader) (continued)
Protocol
Code
Parameters
Examples of commands
Byte
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com