Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 51Page - STMicroelectronics ST95HF Datasheet HTML 52Page - STMicroelectronics ST95HF Datasheet HTML 53Page - STMicroelectronics ST95HF Datasheet HTML 54Page - STMicroelectronics ST95HF Datasheet HTML 55Page - STMicroelectronics ST95HF Datasheet HTML 56Page - STMicroelectronics ST95HF Datasheet HTML 57Page - STMicroelectronics ST95HF Datasheet HTML 58Page - STMicroelectronics ST95HF Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
DocID025630 Rev 4
55/93
ST95HF
Electrical characteristics
92
6.4
SPI characteristics
The ST95HF supports (CPOL = 0, CPHA = 0) and (CPOL = 1, CPHA = 1) modes.
Figure 12. SPI timing diagram (Slave mode and CPOL = 0, CPHA = 0)
Table 49. SPI interface characteristics
Symbol
Parameter
Condition
Min.
Max.
Unit
fSCK
1/ tc(SCK)
SPI clock frequency
-
-
2.0
MHz
VIL
Input low voltage
-
-
0.3 x VPS
V
VIH
Input high voltage
-
0.7 x VPS
-
VOL
Output low voltage
-
0.4 x VPS
VOH
Output high voltage
-
0.7 x VPS
-
tSU(NSS)(1)
1. Values based on design simulation and/or characterization results, and not on tested in production.
NSS setup time
-
70
-
ns
th(NSS)(1)
NSS hold time
-
0
-
tCH(SCKL)(1) Clock low time
-
200
-
ns
tCH(SCKH)(1) Clock high time
-
200
-
tSU(SI)(1)
Data slave Input setup time
-
20
-
ns
th(SI)(1)
Data slave Input hold time
-
80
-
tv(SO)(1)
Data slave output valid time
-
80
ns
th(SO)(1)
Data slave output hold time
After enable edge
0
-
Cb_SPI_IN
Capacitive load for input pins NSS,
CLK, MOSI
--
3
pF
Cb_SPI_OUT Capacitive load for input pins MOSI
-
-
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com