Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 10Page - STMicroelectronics ST95HF Datasheet HTML 11Page - STMicroelectronics ST95HF Datasheet HTML 12Page - STMicroelectronics ST95HF Datasheet HTML 13Page - STMicroelectronics ST95HF Datasheet HTML 14Page - STMicroelectronics ST95HF Datasheet HTML 15Page - STMicroelectronics ST95HF Datasheet HTML 16Page - STMicroelectronics ST95HF Datasheet HTML 17Page - STMicroelectronics ST95HF Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
Power management and operating modes
ST95HF
14/93
DocID025630 Rev 4
Figure 5 shows the power-up sequence for a ST95HF device; where,
•
t0 is the initial wake-up delay
100 µs (minimum)
•
t1 is the minimum interrupt width
10 µs (minimum)
•
t2 is the delay for the serial interface selection
250 ns (typical)
•
t3 is the HFO setup time (tSU(HFO))
10 ms (maximum)
•
t4 is the VPS ramp-up time from 0V to VPS
10 ms (max. by design validation)
Note:
VPS must be 0V before executing the start-up sequence.
The serial interface is selected after the following falling edge of pin IRQ_IN when leaving
from POR or Hibernate state.
Table 4 lists the signal configuration used to select the serial communication interface.
Table 4. Select serial communication interface selection table
Pin
Serial interface
SSI_0
SPI: 1
SSI_1
SPI: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com