Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 49Page - STMicroelectronics ST95HF Datasheet HTML 50Page - STMicroelectronics ST95HF Datasheet HTML 51Page - STMicroelectronics ST95HF Datasheet HTML 52Page - STMicroelectronics ST95HF Datasheet HTML 53Page - STMicroelectronics ST95HF Datasheet HTML 54Page - STMicroelectronics ST95HF Datasheet HTML 55Page - STMicroelectronics ST95HF Datasheet HTML 56Page - STMicroelectronics ST95HF Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
DocID025630 Rev 4
53/93
ST95HF
Electrical characteristics
92
6.2
DC characteristics
6.3
Power consumption characteristics
TA = –25 °C to 85 °C, unless otherwise specified.
The ST95HF supports two VPS_TX supply ranges for RF drivers: 2.7V to 3.3V or 4.5V to
5.5V. Antenna matching circuit must be defined accordingly.
Table 45. DC characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VPS_Main Supply voltage
-
2.7
3.0
5.5
V
VPS_TX
Supply voltage (RF drivers)
-
2.7
3.0
5.5
V
VIL
Input low voltage (I/Os)
-
0
-
0.2 x VPS_Main
V
VIH
Input high voltage (I/Os)
-
0.7 x VPS_Main
-
VPS_Main
V
VOH
Output high voltage (I/Os)
IOH = - 8 µA
0.7 x VPS_Main
-
VPS_Main
V
VOL
Output low voltage (I/Os)
IOLMAX = 500 µA
0
-
0.15 x VPS_Main
V
POR
Power-on reset voltage
-
-
1.8
-
V
Table 46. Power consumption characteristics (VPS_Main from 2.7 to 3.3 V)
Symbol
Parameter
Condition
Typ.
Max.
Unit
ICC (VPS)
Power-up
Supply current in power-up state
TA = 25°C
200
600
µA
ICC (VPS)
Card Emulation
Supply current in Card Emulation mode
TA = 25 °C
2.5
5.0
mA
ICC (VPS)
Hibernate
Supply current in Hibernate state
TA = 25 °C
1
5
µA
ICC (VPS)
Sleep/Field
Detector
Supply current in Sleep/Field Detector state
TA = 25 °C
20/25
80
µA
ICC (VPS) Ready Supply current in Ready state
TA = 25 °C
2.5
5.0
mA
ICC (VPS)
Tag Detect
Average supply current in Tag Detector state
TA = 25 °C,
4 RF bursts
per second
50
100
µA
Table 47. Power consumption characteristics (VPS_TX from 2.7 to 3.3 V)
Symbol
Parameter
Condition
Typ.
Max.
Unit
ICC RF (VPS_TX)
RF Field ON
Supply current in RF Field (Reader mode) (1)
TA = 25 °C
70
100
mA
ICC RF (VPS_TX)
RF Field OFF
Supply current in RF Field (Ready mode) (2)
TA = 25 °C
-
200
µA
ICC RF (VPS_TX)
Tag Detect
Peak(3) current during Burst detection
TA = 25 °C
70
100
mA
1. Parameter measured using recommended output matching network (Z load is 27
Ω and 0°).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com