Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 30Page - STMicroelectronics ST95HF Datasheet HTML 31Page - STMicroelectronics ST95HF Datasheet HTML 32Page - STMicroelectronics ST95HF Datasheet HTML 33Page - STMicroelectronics ST95HF Datasheet HTML 34Page - STMicroelectronics ST95HF Datasheet HTML 35Page - STMicroelectronics ST95HF Datasheet HTML 36Page - STMicroelectronics ST95HF Datasheet HTML 37Page - STMicroelectronics ST95HF Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 93 page
background image
Commands
ST95HF
34/93
DocID025630 Rev 4
5.8
Send command (0x06) description
This command immediately sends data to the reader without waiting for a reply.
Before sending this command, the application must select a communication protocol.
Table 22. Data format sent to the Host in Listening mode
Protocol
Explanation
Response example
Comments
ISO/IEC-
14443
Type A
Request example 80 0A 9370800F8C8E
8D
4E01
08
<<<0x80 0A
9370800F8C8E
8D 4E01 08
Result code
Length of entire data field
Data received from reader
Received value of BCC (if any)
Received value of CRC (if any)
7: RFU
6: RFU
5: CRC error
4: Parity error
3:0: number of significant bits in last byte
Table 23. SEND command description
Direction
Data
Comments
Example
Host to
ST95HF
06
Command code
Depends on protocol previously selected!
>>>0x0606D07387080028
: Emulation of
TAG response in ISO/IEC 14443 Type B
protocol
<Len>
Length of data
<Data>
Data and additional
parameter to be sent
ST95HF to
Host
00
Result code
<<<0x0000
Data was successfully sent
00
Length of data
ST95HF to
Host
82
Error code
<<<0x8200
Invalid length (for example,
Length=0 where it is not possible)
00
Length of data
ST95HF to
Host
83
Error code
<<<0x8300
Invalid protocol previously
selected by Select Protocol command
00
Length of data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com