Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 46Page - STMicroelectronics ST95HF Datasheet HTML 47Page - STMicroelectronics ST95HF Datasheet HTML 48Page - STMicroelectronics ST95HF Datasheet HTML 49Page - STMicroelectronics ST95HF Datasheet HTML 50Page - STMicroelectronics ST95HF Datasheet HTML 51Page - STMicroelectronics ST95HF Datasheet HTML 52Page - STMicroelectronics ST95HF Datasheet HTML 53Page - STMicroelectronics ST95HF Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 93 page
background image
Commands
ST95HF
50/93
DocID025630 Rev 4
The ACFILTER command activates or deactivates an anti-collision filter for ISO/IEC 14443A
card protocol. This command also forces or indicates the Card Emulator state.
If the AC filter is not activated, all received commands are stored in the ST95HF buffer
before being read by the external microcontroller.
If the AC filter is activated, internal firmware will try to interpret the commands sent by the
reader itself and perform an anti-collision sequence. Non-interpreted commands are stored
in the ST95HF buffer before being read by the external microcontroller to perform Level 4 of
the ISO/IEC 14443 Type A protocol.
The ST95HF is able to interpret and respond to the commands listed in the table below. The
device remains in Listening mode after executing these commands.
ST95HF to
Host
00
Result code
AC Filter is successfully activated.
<<<0x0000
AC Filter is successfully deactivated
(LEN = 0x00).
<<<0x0001XX0000
(where XX is ST
Reserved)
00
Length of data
ST95HF to
Host
82
Error code
<<<0x8200
Invalid command length
00
Length of data
Table 41. ST95HF state when behaving as ISO/IEC 14443-A tag
Value
AC state
0x00
Idle
0x01
ReadyA
0x02
ReadyB
0x03
ReadyC
0x04
Active
0x80
Halt
0x81
ReadyAX
0x82
ReadyBX
0x83
ReadyCX
0x84
ActiveX
Table 42. Commands to which the device is able to respond
Command
Code
Definition
SENS_REQ
26 (7-bit)
Sense request
ALL_REQ
52 (7-bit)
WakeUp All request
Table 40. AC filter command description (Command <Len> > 0x02) (continued)
Direction
Data
Comments
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com