Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 84Page - STMicroelectronics ST95HF Datasheet HTML 85Page - STMicroelectronics ST95HF Datasheet HTML 86Page - STMicroelectronics ST95HF Datasheet HTML 87Page - STMicroelectronics ST95HF Datasheet HTML 88Page - STMicroelectronics ST95HF Datasheet HTML 89Page - STMicroelectronics ST95HF Datasheet HTML 90Page - STMicroelectronics ST95HF Datasheet HTML 91Page - STMicroelectronics ST95HF Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 93 page
background image
Card emulation communication
ST95HF
88/93
DocID025630 Rev 4
Set
Reader
Config.
ISO/IEC
14443
Type A at
106 Kbps
(cont.)
REM, 02000180
REM, CR95HFDll_STCmd
REM, CR95HFDll_STCmd 01
09043A00xx04
REM, Default xx 52 Max 5A
>>> CR95HFDLL_STCMD, 01
09043A005804
<<< 0000
REM, Increase demodulator gain D3
>>> CR95HFDLL_STCMD, 01
0904680101D3
<<< 0000
REM, increase Dec tolerance
>>> CR95HFDLL_STCMD, 01
09110B00241204880F1F3F3F0100050
5005500
<<< 0000
-
REM, Read Default value Card
Emulator Configuration register ACCA
REM, ACCA (7:6 card clamp 00 default
REM, ACCA (5:4 Card Demod 01
noise immunity low sensitivity 10%
REM, ACCA (3:0 mod depth default 7
mon 0 max F)
REM, READ Default value Reg ACCA
Set Reg Index @4
>>> ST95HFDLL_STCMD, 01
0903680004
<<< 0000
REM, READ Reg ACCA card config 1
Reg @69 index 4
>>> ST95HFDLL_STCMD, 01
0803690100
<<< 000127
Check Con-
figuration
BREAK
-
REM, CONFIGURE CARD
EMULATOR (Set UID)
REM, Set Anti-collision Filter Type A
UID 0251744AEF2280
REM, ATQA 4403 SAK 20 UID1
88025174 UID2 4AEF2280
>>> ST95HFDLL_STCMD, 01
0D0B440320880251744AEF2280
<<< 0000
BREAK
Set
ST95HF
Identity
--
REM, POLLFIELD
>>> ST95HFDLL_STCMD, 01 0300
<<< 000101
REM, LISTEN
>>> ST95HFDLL_STCMD, 01 0500
<<< 0000
BREAK
Check RF
Field On
ST95HF
Set in Lis-
tening
mode
Table 58. Example logs (continued)
Comment
CR95HF Reader
ST95HF Card Emulation
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com