Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 7Page - STMicroelectronics ST95HF Datasheet HTML 8Page - STMicroelectronics ST95HF Datasheet HTML 9Page - STMicroelectronics ST95HF Datasheet HTML 10Page - STMicroelectronics ST95HF Datasheet HTML 11Page - STMicroelectronics ST95HF Datasheet HTML 12Page - STMicroelectronics ST95HF Datasheet HTML 13Page - STMicroelectronics ST95HF Datasheet HTML 14Page - STMicroelectronics ST95HF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
DocID025630 Rev 4
11/93
ST95HF
Pin and signal descriptions
11
14
IRQ_OUT
O (4)
Interrupt output
-
15
SPI_SS
I (5)
SPI Slave Select (active low)
-
16
SPI_MISO
O (5)
SPI Data, Slave Output
-
17
SPI_MOSI
I (5)
SPI Data, Slave Input (5)
-
18
SPI_SCK
I (6)
SPI serial clock
-
19
SSI_0
I (5)
Select serial communication
interface
-
20
SSI_1
I (5)
Select serial communication
interface
-
21
ST_R1
I (7)
ST Reserved
-
22
GND
P
Ground (digital)
-
23
NC
-
Not connected
-
24
NC
-
Not connected
-
25
NC
-
Not connected
-
26
NC
-
Not connected
-
27
NC
-
Not connected
-
28
NC
-
Not connected
-
29
XIN
-
Crystal oscillator input
-
30
XOUT
-
Crystal oscillator output
-
31
GND_TX
P
Ground (RF drivers)
-
32
VPS_TX
P
Power supply (RF drivers)
-
1. I: Input, O: Output, and P: Power
2. Must add a capacitor to ground (~1 nF).
3. Pad internally connected to a Very Weak Pull-up to VPS.
4. Pad internally connected to a Weak Pull-up to VPS.
5. Must not be left floating.
6. Pad internally connected to a Weak Pull-down to GND.
7. Pad input in High Impedance. Must be connected to VPS.
Table 2. ST95HF pin descriptions (continued)
Pin
Pin name
Type(1)
Main function
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com