Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 59Page - STMicroelectronics ST95HF Datasheet HTML 60Page - STMicroelectronics ST95HF Datasheet HTML 61Page - STMicroelectronics ST95HF Datasheet HTML 62Page - STMicroelectronics ST95HF Datasheet HTML 63Page - STMicroelectronics ST95HF Datasheet HTML 64Page - STMicroelectronics ST95HF Datasheet HTML 65Page - STMicroelectronics ST95HF Datasheet HTML 66Page - STMicroelectronics ST95HF Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
DocID025630 Rev 4
63/93
ST95HF
Part numbering
92
8
Part numbering
Not all combinations are necessarily available. For a list of available options (speed,
package, etc.) or for further information on any aspect of this device, please contact your
nearest STMicroelectronics Sales Office.
Table 55. Ordering information scheme
Example:
ST
95
HF
– V
MD
5
T
Device type
ST = NFC transceiver
Wired access
95 = SPI
Frequency band
HF = High frequency (13.56 MHz)
Operating voltage
V = 2.7 to 5.5 V
Package
MD = 32-pin VFQFPN (5 x 5 mm)
Operating temperature
5 = –25° to +85° C
Packaging
T = Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com