Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 55Page - STMicroelectronics ST95HF Datasheet HTML 56Page - STMicroelectronics ST95HF Datasheet HTML 57Page - STMicroelectronics ST95HF Datasheet HTML 58Page - STMicroelectronics ST95HF Datasheet HTML 59Page - STMicroelectronics ST95HF Datasheet HTML 60Page - STMicroelectronics ST95HF Datasheet HTML 61Page - STMicroelectronics ST95HF Datasheet HTML 62Page - STMicroelectronics ST95HF Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
DocID025630 Rev 4
59/93
ST95HF
Electrical characteristics
92
6.6
Oscillator characteristics
The external crystal used for this product is a 27.12 MHz crystal with an accuracy of
± 14 kHz.
For CL1 and CL2, it is recommended to use high-quality external ceramic capacitors in the
10 pF to 20 pF range (typ.), designed for high-frequency applications, and selected to match
the requirements of the crystal or resonator (see Figure 14). CL1 and CL2 are usually the
same size. The crystal manufacturer typically specifies a load capacitance which is the
series combination of CL1 and CL2.
Figure 14. Typical application with a 27.12 MHz crystal
Note:
For CL1 and CL2 it is recommended to use high-quality ceramic capacitors in the 10 to 20 pF
range, selected to match the requirements of the crystal or resonator. CL1 and CL2, have
usually the same size. The crystal manufacturer typically specifies a load capacitance which
is the series combination of CL1 and CL2.
Load capacitance CL has the following formula: CL = CL1 x CL2 / (CL1 + CL2) + Cstray, where
Cstray (typically between 2 and 7 pF) is the pin capacitance and board or trace PCB-related
capacitance.
Table 53. HFO 27.12 MHz oscillator characteristics(1) (2)
1. Resonator characteristics given by the crystal/ceramic resonator manufacturer.
2. Based on characterization, not tested in production.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fXTAL
Oscillator frequency
-
-
27.12
-
MHz
RF
Feedback resistor
-
-
2
-
M
Ω
C
Recommended load capacitance
versus equivalent serial resistance of
the crystal (RS)(3)
3. The relatively low value of the RF resistor offers a good protection against issues resulting from use in a
humid environment, due to the induced leakage and the bias condition change. However, it is
recommended to take this point into account if the Host is used in tough humidity conditions.
RS = 30 Ω
-6-
pF
tSU(HFO)(4)
4. tSU(HFO) is the startup time measured from the moment it is enabled (by software) to a stabilized 27.12 MHz
oscillation is reached. This value is measured for a standard crystal resonator and it can vary significantly
with the crystal manufacturer.
Startup time
VPS is stabilized
-
6
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com