Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 20Page - STMicroelectronics ST95HF Datasheet HTML 21Page - STMicroelectronics ST95HF Datasheet HTML 22Page - STMicroelectronics ST95HF Datasheet HTML 23Page - STMicroelectronics ST95HF Datasheet HTML 24Page - STMicroelectronics ST95HF Datasheet HTML 25Page - STMicroelectronics ST95HF Datasheet HTML 26Page - STMicroelectronics ST95HF Datasheet HTML 27Page - STMicroelectronics ST95HF Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 93 page
background image
Commands
ST95HF
24/93
DocID025630 Rev 4
ISO/IEC 18092
NFC Forum Tag
Type 3
0x04
0
7:6
Transmission data rate
00
: RFU
01
: 212 Kbps
10
: 424 Kbps
11
: RFU
>>>0x02020451
:
ISO/IEC18092 tag, 212 Kbps
transmission and reception
rates with CRC appended.
Parameter ‘Slot counter’ is not
mandatory. If it is not present, it
is assumed that SlotCounter =
0x00
(1 slot)
For device detection
commands, byte 1 bit 4 must
be set to ‘0’. In this case, the
FWT is 2.4 ms for the 1st slot
and 1.2 ms more for each
following slot, if slot counter is
specified.
If slot counter = 0x10, the
ST95HF does not respect reply
timings, but polls incoming data
and searches a valid response
during ~8.4 ms.
5:4
Reception data rate
00
: RFU
01
: 212 Kbps
10
: 424 Kbps
11
: RFU
3:1
RFU
0
Append CRC if set to ‘1’.
(1)
1
7:5
RFU
4
0: FWT = 2.4 ms
1: FWT is specified by
PP:MM bits
3:0
Slot counter
0
: 1 slot
1
: 2 slots
F
: 16 slots
2
7:0
PP
These 3 bytes are optional.
Default value PP:MM:DD: is 0
and corresponds to RWT
~302µs.
RWT = (2^PP)*(MM+1)*
(DD+128)*32/13.56µs
37:0
MM
4
7:0
DD (optional to PP:MM)
1. It is recommended to set this bit to ‘1’.
2. Not characterized.
Table 12. List of <Parameters> values for the PROTOCOLSELECT command
for different protocols (Reader) (continued)
Protocol
Code
Parameters
Examples of commands
Byte
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com