Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 45Page - STMicroelectronics ST95HF Datasheet HTML 46Page - STMicroelectronics ST95HF Datasheet HTML 47Page - STMicroelectronics ST95HF Datasheet HTML 48Page - STMicroelectronics ST95HF Datasheet HTML 49Page - STMicroelectronics ST95HF Datasheet HTML 50Page - STMicroelectronics ST95HF Datasheet HTML 51Page - STMicroelectronics ST95HF Datasheet HTML 52Page - STMicroelectronics ST95HF Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
DocID025630 Rev 4
49/93
ST95HF
Commands
92
5.13
AcFilter command (0x0D) description
This command activates/deactivates the anti-collision filter in Type A Card Emulation mode.
Table 39. SubFreqRes command description
Direction
Data
Comments
Example
Host to
ST95HF
0x0B
Command code
>>>0x0B00
0x00
Length of data
ST95HF to
Host
0x00
Result code
<<<0x00010F
In this example, 0x0F: is a frequency
divider. Use this value to configure the
ST95HF.
Subcarrier frequency is
0x01
Length of data
<FreqDiv>
N, frequency divider
fS
fC
2 N 1
+
()
----------------------
=
Table 40. AC filter command description (Command <Len> > 0x02)
Direction
Data
Comments
Example
Host to
ST95HF
0D
Command code
General case (LEN
≠ 0x00, 0x01 or
0x02)
>>>0D0B440320880251744AEF2280
Activate filter for 2-cascade anti-collision
Note that the command length can be 7,
11 or 15 bytes depending on UID length:
7: for 1-cascade level filter
11: for 2-cascade levels filter
15: for 3-cascade levels filter
All other values greater than 2 will result
in an ‘Invalid command length’ error.
*** Special cases of command ***
LEN = 0x00
>>>0x0D00
De-activate AC Filter (LEN
= 0x00)
<<< 0x0001XX0000 AC Filter is
successfully deactivated (XX: Table 28)
LEN = 0x01
>>>0x0D01XX - Set AC state (see table
below)
<<< 0x0000 AC state successfully set
LEN = 0x02
>>> 0x0D020000 - Returns AC state
without deactivating filter
<<< 0x0001XX AC state (XX: Table 28)
<Len>
Length of data
<ATQA>
(2 bytes)
Unused and proprietary
bits of SAK (protocol bits
will be handled by
firmware)
<SAK>
Unused and proprietary
bits of SAK (protocol bits
will be handled by
firmware)
<UID part 1>
UID for cascade level 1
(Mandatory)
<UID part 2>
UID for cascade level 2
(Optional)
<UID part 3>
UID for cascade level 3
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com