Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 53Page - STMicroelectronics ST95HF Datasheet HTML 54Page - STMicroelectronics ST95HF Datasheet HTML 55Page - STMicroelectronics ST95HF Datasheet HTML 56Page - STMicroelectronics ST95HF Datasheet HTML 57Page - STMicroelectronics ST95HF Datasheet HTML 58Page - STMicroelectronics ST95HF Datasheet HTML 59Page - STMicroelectronics ST95HF Datasheet HTML 60Page - STMicroelectronics ST95HF Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 93 page
background image
DocID025630 Rev 4
57/93
ST95HF
Electrical characteristics
92
6.5
RF characteristics
Test conditions are TA = 0°C to 50°C, unless otherwise specified.
VPS_TX = 3V ± 10% and VPS_MAIN = 3V ± 10%.
Table 50. Tag/Card Emulation characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
fC
Frequency of operating
field (carrier frequency)
-
13.553
13.56
13.567
MHz
MI Carrier
Carrier Modulation Index
from reader
ISO/IEC 14443 -Type A
-
-
-
100
%
HField (1)
1. Maximum values based on design simulation and/or characterization results, and not tested in production.
Operating field strength in
ISO/IEC 14443
-1.5
-
7.5
A/m
VMaxCarrier
Input voltage between RX1
and RX2
--
-
18
V
fS (2)
2. Parameter measured on samples using recommended output matching network.
Frequency of Subcarrier
modulation (ISO/IEC
14443, ISO/IEC 18092 and
ISO/IEC 15693)
--
-
fC / 16
ALoad
Load Modulation Amplitude
fC + fS
fC - fS
ISO 10373-6 test
methods for ISO/IEC
14443-A @ 1.5 A/m
18
18
--
mV
fC + fS
fC - fS
ISO 10373-6 test
methods for ISO/IEC
14443-A @ 7.5A/m
8
8
--
mV
ALoad
Load Modulation Amplitude
fC + fS
fC - fS
ECMA 356 test
methods for ECMA
340 @ 1.5 A/m
18
18
--
mV
fC + fS
fC - fS
ECMA 356 test
methods for ECMA
340 @ 7.5 A/m
8
8
--
mV
DataR
ISO/IEC 14443 Type A
106
-
212
Kbps
Table 51. Field detection characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
-
Level of detection (1)
1. Parameter measured using recommended output matching network for ISO/IEC 14443 communication.
0.5
-
8
A/m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com