Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 38Page - STMicroelectronics ST95HF Datasheet HTML 39Page - STMicroelectronics ST95HF Datasheet HTML 40Page - STMicroelectronics ST95HF Datasheet HTML 41Page - STMicroelectronics ST95HF Datasheet HTML 42Page - STMicroelectronics ST95HF Datasheet HTML 43Page - STMicroelectronics ST95HF Datasheet HTML 44Page - STMicroelectronics ST95HF Datasheet HTML 45Page - STMicroelectronics ST95HF Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
Commands
ST95HF
42/93
DocID025630 Rev 4
An example of a basic Idle command used during the Tag Detection Calibration process:
>>>0x07 0E 03 A1 00 F8 01 18 00 20 60 60 00 xx 3F 01
where xx is the DacDataH value.
An example of a tag detection sequence is provided in Example of tag detection command
using results of tag detection calibration on page 68.
5.10
Read Register (RdReg) command (0x08) description
This command is used to read the Wakeup register.
Note:
The Management of the Analog Register Configuration register (ACC_A or ARC_B) is
described in Section 5.11: Write Register (WrReg) command (0x09) description.
Table 28. RDREG command description
Direction
Data
Comments
Example
Host to
ST95HF
0x08
Command code
Ex 1. >>>0x0803690100
Reads the ACC_A or ARC_B register. (1)
1. This command must be preceded by the setting of the ACC_A register index (0x0903680004) or by
setting the ARC_B register index (0x0903680001).
0x03
Length of data
0x62
or 0x69 Register address
0x01
Register size
0x00
ST Reserved
ST95HF to
Host
0x00
Result code
<<<0x000101
Wake-up by Timeout (Ex. 1)
<<<0x000102
Wake-up by Tag Detect (Ex.
1)
<<<0x000113
Depth = 1, Gain = 3 (Ex. 2)
<<< 0x000127
(ACC_A register)
Default value for Demodulator Sensitivity
and Load Modulation. See Write Register
description for more information on received
data.
<<< 0x000113
(ARC_B register)
Depth = 1, Gain = 3 (Ex. 2). See Write
Register description for more information on
received data.
<Len>
Length of data (=
RegCount)
<RegData>
Register data
ST95HF to
Host
0x82
Error code
<<<0x8200
Invalid command length
0x00
Length of data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com