Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 25Page - STMicroelectronics ST95HF Datasheet HTML 26Page - STMicroelectronics ST95HF Datasheet HTML 27Page - STMicroelectronics ST95HF Datasheet HTML 28Page - STMicroelectronics ST95HF Datasheet HTML 29Page - STMicroelectronics ST95HF Datasheet HTML 30Page - STMicroelectronics ST95HF Datasheet HTML 31Page - STMicroelectronics ST95HF Datasheet HTML 32Page - STMicroelectronics ST95HF Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 93 page
background image
DocID025630 Rev 4
29/93
ST95HF
Commands
92
ISO/IEC
14443
Type A
NFC
Forum Tag
Type 4A
NFC
Forum Tag
Type 1
(Topaz)
NFC
Forum Tag
Type 2
Send example
04
07
9370800
F8C8E
28
Example of an NFC Forum Type 2
request sequence:
>>>0x04022607
(REQA)
<<<0x800544002800
(ATQA)
>>>0x0403932008
(Anti-collision CL1)
<<<0x80088804A8D5F1280000
(UID
CL1)...
Example of an NFC Forum Type 1
(Topaz) request sequence:
>>>0x04022607
(REQA)
<<<0x8005000C280000
(ATQ0 ATQ1)
>>>0x040878000000000000A8
(RID)
<<<0x800B11486E567A003E450800
00
(Header0 Header1 UID0 UID 1 UID2
UID3 CRC0 CRC1Signifcant bits
indexColbyte IndexColbit)
Application SW must specify how many
bits to send in the last byte. If flag
SplitFrame is set, ST95HF will expect
8 – <significant bit count> bits in the 1st
byte during reception.
In this case, the first byte received is
padded with zeros in lsb to complete the
byte, while the last byte received is
padded with zeros in msb.
Example of an anti-collision command
/response in ISO/IEC 14443_A
communication using a Split frame: (1)
>>> 0x0403932008 (Anticol)
<<< 0x800888047B75B7B80204
(Collision Detected B8)
>>> 0x0406934588040B45 (Anticol
Split frame request 45)
<<< 0x80064074B3230000 (Spilt
frame Answer 23)
This command is useful for anti-collision.
Command code
Length of entire data field
Data
Transmission flags:
7: Topaz send format. Use EOF instead of
parity bit and use SOF at beginning of each
byte. Pause between bytes and assume 1st
byte is 7 bits.
6: SplitFrame
5: Append CRC
4: Parity Framing mode (2)
[3:0]: Number of significant bits in last byte
ISO/IEC
14443
Type B
NFC
Forum Tag
Type 4B
Send example
04
03
050000
Example of an NFC Forum Type 4B
request sequence:
>>>0x0403050000 (REQB)
<<<0x800F5077FE01B30000000000
71718EBA00 (ATQB)
Command code
Length of entire data field
Data
Table 17. List of <Data> Send values for the SENDRECV command for different
protocols (continued)
Protocol
Explanation
Command example
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com