Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 1 Page - STMicroelectronics

  ST95HF Datasheet HTML 1Page - STMicroelectronics ST95HF Datasheet HTML 2Page - STMicroelectronics ST95HF Datasheet HTML 3Page - STMicroelectronics ST95HF Datasheet HTML 4Page - STMicroelectronics ST95HF Datasheet HTML 5Page - STMicroelectronics ST95HF Datasheet HTML 6Page - STMicroelectronics ST95HF Datasheet HTML 7Page - STMicroelectronics ST95HF Datasheet HTML 8Page - STMicroelectronics ST95HF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
This is information on a product in full production.
February 2016
DocID025630 Rev 4
1/93
ST95HF
Near field communication transceiver
Datasheet
- production data
Features
• Belonging to ST25 family, that includes all
NFC/RF ID tag and reader products from
STMicroelectronics
• Operating modes supported:
– Reader/Writer
– Card Emulation (ISO/IEC 14443-3 Type A)
• Hardware features
– Dedicated internal frame controller
– Highly integrated Analog Front End (AFE)
for RF communications
– Transmission and reception modes
– Optimized power management
– Tag Detection mode
– Field Detection mode
• RF communication @13.56 MHz
– ISO/IEC 14443 Type A and B in Reader
and Card Emulation modes
– ISO/IEC 15693 in Reader mode
– ISO/IEC 18092 in Reader and Card
Emulation modes
–MIFARE® Classic compatible
• Communication interfaces with a Host
Controller
– Serial peripheral interface (SPI) Slave
interface up to 2 Mbps
– Up to 528-byte command/reception buffer
(FIFO) depending on communication
protocol
• 32-lead, 5x5 mm, very thin fine pitch quad flat
(VFQFPN) ECOPACK®2 package
Applications
Typical protocols supported:
• ISO/IEC 14443-3 Type A and B tags
• ISO/IEC 15693 tags
• ISO/IEC 18000-3M1 tags
• NFC Forum tags: Types 1, 2, 3 and 4
• ST Dual Interface EEPROM
Typical ST95HF applications include:
• Consumer electronics
• Gaming
• Healthcare
• Industrial
Typical ST95HF use cases include:
• NFC-enabled Wi-Fi pairing
• NFC-enabled Bluetooth pairing
• Data exchange
Communications with NFC/RFID tag (reader
mode)
VFQFPN32 5x5 mm
www.st.com


Similar Part No. - ST95HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST950-30L2KI VISHAY-ST950-30L2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST950-30L2MI VISHAY-ST950-30L2MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST95010 STMICROELECTRONICS-ST95010 Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
ST95010B1 STMICROELECTRONICS-ST95010B1 Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
ST95010B1TR STMICROELECTRONICS-ST95010B1TR Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
More results

Similar Description - ST95HF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX5001 NSC-LMX5001 Datasheet
198Kb / 13P
Dedicated Bluetooth Link Controller
logo
Texas Instruments
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
logo
CITIZEN ELECTRONICS CO....
CL-L400-LC1N1-B CITIZEN-CL-L400-LC1N1-B Datasheet
1Mb / 13P
Internal Structure:Lead frame
CL-L400-MC1L1-B CITIZEN-CL-L400-MC1L1-B Datasheet
1Mb / 13P
Internal Structure:Lead frame
CL-L400-MC1L2-B CITIZEN-CL-L400-MC1L2-B Datasheet
1Mb / 13P
Internal Structure:Lead frame
CL-L400-MC1N1-B CITIZEN-CL-L400-MC1N1-B Datasheet
1Mb / 13P
Internal Structure:Lead frame
CL-L400-MC1W1-B CITIZEN-CL-L400-MC1W1-B Datasheet
1Mb / 13P
Internal Structure:Lead frame
CL-L400-MC1WW1-B CITIZEN-CL-L400-MC1WW1-B Datasheet
1Mb / 13P
Internal Structure:Lead frame
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
USB dedicated charging port controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com