Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 61Page - STMicroelectronics ST95HF Datasheet HTML 62Page - STMicroelectronics ST95HF Datasheet HTML 63Page - STMicroelectronics ST95HF Datasheet HTML 64Page - STMicroelectronics ST95HF Datasheet HTML 65Page - STMicroelectronics ST95HF Datasheet HTML 66Page - STMicroelectronics ST95HF Datasheet HTML 67Page - STMicroelectronics ST95HF Datasheet HTML 68Page - STMicroelectronics ST95HF Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 93 page
background image
DocID025630 Rev 4
65/93
ST95HF
Example of tag detection calibration process
92
Appendix B
Example of tag detection calibration process
The following script works on the DEMO_CR95HF evaluation board and with the ST95HF
development software available on www.st.com.
This is a dichotomous approach to quickly converge to the DacDataRef value for which a
wake-up event switches from tag detection to Timeout. In this process, only the DacDataH
parameter is changed in successive Idle commands. And we look at the wake-up event
reply to decide the next step.
00 01 02 corresponds to a Tag Detect,
00 01 01 corresponds to a Timeout.
REM, Tag Detection Calibration Test
REM,
Sequence: Power-up Tag Detect Wake-up by Tag Detect (1 try
measurement greater or equal to DacDataH) or Timeout
REM,
CMD 07 0E 03 A100 D801 1800 01 60 60 00 XX 3F 00
REM,
03
WU source = Tagdet or Timeout
REM,
A100
Initial Dac Compare
REM,
F801
Initial Dac Compare
REM,
1800
HFO
REM,
20 Wup Period 32 Inactivity period = 256ms (LFO @ 32kHz)
REM,
60 Osc
3ms
(LFO @ 32kHz)
REM,
60 Dac
3ms
(LFO @ 32kHz)
REM,
00
DacDataL
= minimum level (floor)
REM,
xx
DacDataH 00 = minimum level (ceiling)
REM,
3F
Swing 13.56
4.6 us
REM,
01 Maximum number of Sleep before Wakeup 2
REM, Tag Detection Calibration Test
REM, During tag detection calibration process DacDataL = 0x00
REM, We execute several tag detection commands with different
DacDataH values to determine DacDataRef level corresponding to
ST95HF application set-up
REM, DacDataReg value corresponds to DacDataH value for which Wake-
up event switches from Timeout (0x01) to Tag Detect (0x02)
REM, Wake-up event
= Timeout
when
DacDataRef is between DacDataL
and DacDataH
REM, Search DacDataref value corresponding to value of DacDataH for
which Wake-up event switches from Tag Detect (02) to Timeout(01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com