Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 31Page - STMicroelectronics ST95HF Datasheet HTML 32Page - STMicroelectronics ST95HF Datasheet HTML 33Page - STMicroelectronics ST95HF Datasheet HTML 34Page - STMicroelectronics ST95HF Datasheet HTML 35Page - STMicroelectronics ST95HF Datasheet HTML 36Page - STMicroelectronics ST95HF Datasheet HTML 37Page - STMicroelectronics ST95HF Datasheet HTML 38Page - STMicroelectronics ST95HF Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
DocID025630 Rev 4
35/93
ST95HF
Commands
92
5.9
Idle command (0x07) description
This command switches the ST95HF into low consumption mode and defines the way to
return to Ready state.
The Result code contains the Wake-up flag register value indicating to the application the
wake-up event that caused the device to exit WFE mode.
Table 24. Format of data to be sent using SEND command
Protocol
Explanation
Response example
Comments
ISO/IEC-
14443
Type A
Send example
06
03
0400
08
>>>0x0603040008
Command code
Length of entire data field
Data
Parameter:
7:6: RFU
5: Append CRC
4: RFU (Do not append parity)
3:0: Number of significant bits in first byte
ISO/IEC-
14443
Type B
Send example
06
04
01020304
-
Command code
Length of entire data field
Data
Reader
ISO/IEC-
18092
212/424
Send example
06
04
01020304
Note the difference in data in
Reader and Card Emulation
mode: in Reader mode there is
no slot information.
Command code
Length of entire data field
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com