Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 13Page - STMicroelectronics ST95HF Datasheet HTML 14Page - STMicroelectronics ST95HF Datasheet HTML 15Page - STMicroelectronics ST95HF Datasheet HTML 16Page - STMicroelectronics ST95HF Datasheet HTML 17Page - STMicroelectronics ST95HF Datasheet HTML 18Page - STMicroelectronics ST95HF Datasheet HTML 19Page - STMicroelectronics ST95HF Datasheet HTML 20Page - STMicroelectronics ST95HF Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 93 page
background image
DocID025630 Rev 4
17/93
ST95HF
Communication protocols
92
Caution:
SPI communication is MSB first.
4.1.2
Interrupt mode
When the ST95HF is configure to use the SPI serial interface, pin IRQ_OUT is used to give
additional information to user. When the ST95HF is ready to send back a reply, it sends an
Interrupt Request by setting a low level on pin IRQ_OUT, which remains low until the host
reads the data.
The application can use the Interrupt mode to skip the polling stage.
Caution:
SPI communication is MSB first.
4.2
Error codes
Table 6. Possible error codes and their meaning
Code
Name
Meaning
0x80
EFrameRecvOK
Frame correctly received (additionally see CRC/Parity information)
0x85
EUserStop
Stopped by user (used only in Card mode)
0x86
ECommError
Hardware communication error
0x87
EFrameWaitTOut
Frame wait time out (no valid reception)
0x88
EInvalidSof
Invalid SOF
0x89
EBufOverflow
Too many bytes received and data still arriving
0x8A
EFramingError
if start bit = 1 or stop bit = 0
0x8B
EEgtError
EGT time out
0x8C
EInvalidLen
Valid for ISO/IEC 18092, if Length <3
0x8D
ECrcError
CRC error, Valid only for ISO/IEC 18092
0x8E
ERecvLost
When reception is lost without EOF received (or subcarrier was lost)
0x8F
ENoField
When Listen command detects the absence of external field
0x90
EUnintByte
Residual bits in last byte. Useful for ACK/NAK reception of ISO/IEC 14443 Type A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com