Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 36Page - STMicroelectronics ST95HF Datasheet HTML 37Page - STMicroelectronics ST95HF Datasheet HTML 38Page - STMicroelectronics ST95HF Datasheet HTML 39Page - STMicroelectronics ST95HF Datasheet HTML 40Page - STMicroelectronics ST95HF Datasheet HTML 41Page - STMicroelectronics ST95HF Datasheet HTML 42Page - STMicroelectronics ST95HF Datasheet HTML 43Page - STMicroelectronics ST95HF Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 93 page
background image
Commands
ST95HF
40/93
DocID025630 Rev 4
Duration before Timeout = 256 * tL * (WU period + 2) * (MaxSleep + 1)
Note:
Note that: 0x00 < MaxSleep < 0x1F.
An Idle command example when wake-up source is timer (0x01) when fLFO = 32 kHz (mean
power consumption is 25 µA)
>>>0x07 0E 01 21 00 38 00 18 00 60 60 00 00 00 00 08
An Idle command example when wake-up source is timer (0xC1) when fLFO = 4 kHz (mean
power consumption is 20 µA):
>>>0x07 0E C1 21 00 38 00 18 00 60 60 00 00 00 00 08
The same command can be used mixing a timer and the IRQ_IN pin (0xC9) as a wake-up
source:
>>>0x07 0E C9 21 00 38 00 18 00 60 60 00 00 00 00 08
Wake-up by Tag Detection
In this mode, the typical consumption can greatly vary in function of parameter settings (WU
period without RF activity and Swing Count defining the RF burst duration). Using default
settings, consumption in the range of 100 µA can be achieved.
Tag Detector is a state where ST95HF is able to detect an RF event, a wake-up will occur
when a tag sufficiently modifies the antenna load and is detected by the ST95HF.
An Idle command example when wake-up source is Tag Detection (0x02):
>>>0x07 0E 02 21 00 79 01 18 00 20 60 60 64 74 3F 08
The same command can be used mixing Tag Detection and the IRQ_IN pin (0x0A) as a
wake-up source:
>>>0x07 0E 0A 21 00 79 01 18 00 20 60 60 64 74 3F 08
The tag detection sequence is defined by dedicated parameters:
WU source (Byte 3) (Wake-up source register on page 64)
The Timeout bit (bit 0) must be set to ‘1’ in order to manage a certain number of
emitted bursts. Otherwise, bursts will be sent indefinitely until a stop event occurs
(for example, tag detection or a low pulse on pin IRQ_IN).
The Tag Detect bit (bit 1) must be set to ‘1’ to enable RF burst emissions.
It is recommended to also set Bits 3 or 4 to ‘1’ to ensure that it is possible to leave
Tag Detect mode via an external event (for example, a low pulse on pin IRQ_IN).
WU period (Byte 10): Defines the period of inactivity (tINACTIVE) between two RF bursts:
tINACTIVE = (WuPeriod + 2) * tREF
OscStart, DacStart (Bytes 11 and 12): Define the set-up time of the HFO and Digital
Analog Converter, respectively. In general, 3 ms is used both set-up times.
HFO | DAC set-up time = (OscStart | DacStart) * tL
DacDataL, DacDataH (Bytes 13 and 14): Reference level for Tag Detection (calculated
during the tag detection calibration process).
SwingsCnt (Byte 15): Represents the number of 13.56-MHz swing allowed during a
Tag Detection burst. We recommend using 0x3F.
Maxsleep (Byte 16): The ST95HF emits (MaxSleep +1) bursts before leaving Tag
Detection mode if bit 0 (Timer Out) of the WU source register is set to ‘1’. Otherwise,
when this bit is set to ‘0’, a burst is emitted indefinitely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com