Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 34Page - STMicroelectronics ST95HF Datasheet HTML 35Page - STMicroelectronics ST95HF Datasheet HTML 36Page - STMicroelectronics ST95HF Datasheet HTML 37Page - STMicroelectronics ST95HF Datasheet HTML 38Page - STMicroelectronics ST95HF Datasheet HTML 39Page - STMicroelectronics ST95HF Datasheet HTML 40Page - STMicroelectronics ST95HF Datasheet HTML 41Page - STMicroelectronics ST95HF Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
Commands
ST95HF
38/93
DocID025630 Rev 4
5.9.2
Using LFO frequency setting to reduce power consumption
In WFE mode, the high frequency oscillator (HFO) is stopped and most processes being
executed are clocked by the low frequency oscillator (LFO). To minimize ST95HF power
consumption in WFE mode, the slower the LFO frequency, the lower the power
consumption.
Example 1: Setting a lower LFO frequency
The following equation defines a basic timing reference:
tREF = 256*tL ms (where tL = 1/fLFO)
tREF = 8 ms (when bits [7:6] are set to “00”, or 32 kHz)
tREF = 64 ms (when bits [7:6] are set to “11”, or 4 kHz)
WU Control
These two bytes (WuCtrlL and WuCtrlH) define the wake-up resources.
0x0400
: Hibernate
0x3800
: Sleep/Field Detector
0xF801
: Tag Detector Calibration
0x7901
: Tag Detection
Leave Control
These two bytes (LeaveCtrlL and LeaveCtrlH) define the resources when
returning to Ready state.
0x1800
: Hibernate
0x1800
: Sleep/Field Detector
0x1800
: Tag Detector Calibration
0x1800
: Tag Detection
WU Period
This byte is the coefficient used to adjust the time allowed between two tag
detections. Also used to specify the duration before Timeout. (Typical
value: 0x20)
Duration before Timeout = 256 * tL * (WU period + 2) * (MaxSleep + 1)
Osc Start
This byte defines the delay for HFO stabilization. (Recommended value:
0x60)
Defines the Wait time for HFO to stabilize: <OscStart> * tL
DAC Start
This byte defines the delay for DAC stabilization. (Recommended value:
0x60)
Defines the Wait time for DAC to stabilize: <DacStart> * tL
DAC Data
These two bytes (DacDataL and DacDataH) define the lower and higher
comparator values, respectively. These values are determined by a
calibration process.
When using the demo board, these values should be set to approximately
0x64 and 0x74, respectively.
Swing Count
This byte defines the number of HF swings allowed during Tag Detection.
(Recommended value: 0x3F)
Max Sleep
This byte defines the maximum number of tag detection trials or the
coefficient to adjust the maximum inactivity duration before Timeout.
MaxSleep must be: 0x00 < MaxSleep < 0x1F
This value must be set to 0x01 during tag detection calibration.
Also used to specify duration before Timeout.
Duration before Timeout = 256 * tL * (WU period + 2) * (MaxSleep + 1)
(Typical value: 0x28)
Table 27. Summary of Idle command parameters (continued)
Parameter
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com