Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 11Page - STMicroelectronics ST95HF Datasheet HTML 12Page - STMicroelectronics ST95HF Datasheet HTML 13Page - STMicroelectronics ST95HF Datasheet HTML 14Page - STMicroelectronics ST95HF Datasheet HTML 15Page - STMicroelectronics ST95HF Datasheet HTML 16Page - STMicroelectronics ST95HF Datasheet HTML 17Page - STMicroelectronics ST95HF Datasheet HTML 18Page - STMicroelectronics ST95HF Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 93 page
background image
DocID025630 Rev 4
15/93
ST95HF
Communication protocols
92
4
Communication protocols
4.1
Serial peripheral interface (SPI)
4.1.1
Polling mode
In order to send commands and receive replies, the application software has to perform 3
steps.
1.
Send the command to the ST95HF.
2.
Poll the ST95HF until it is ready to transmit the response.
3.
Read the response.
The application software should never read data from the ST95HF without being sure that
the ST95HF is ready to send the response.
The maximum allowed SPI communication speed is fSCK.
A Control byte is used to specify a communication type and direction:
•
0x00: Send command to the ST95HF
•
0x03: Poll the ST95HF
•
0x02: Read data from the ST95HF
•
0x01: Reset the ST95HF
The SPI_SS line is used to select a device on the common SPI bus. The SPI_SS pin is
active low.
When the SPI_SS line is inactive, all data sent by the Master device is ignored and the
MISO line remains in High Impedance state.
In Slave mode, the phase and polarization are defined with CPOL = 1 and CPHA = 1 or
CPOL = 0 and CPHA = 0.
Figure 6. Sending command to ST95HF
Figure 7. Polling the ST95HF until it is ready
MOSI
0 0 0 0 0 0 0 0
CMD
LEN
DATA
DATA
Control Byte
MISO
X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X
Several data bytes
MOSI
0 0 0 0 0 0 1 1
X X X X X X 1 1
X X X X X X 1 1
X X X X X X 1 1
Control Byte
MISO
X X X X X X X X
Flag
Flag
Flags are polled until data is ready (Bit 3 is set when data is ready)
0 0 0 0 0 X X X
0 0 0 0 0 X X X
0 0 0 0 1 X X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com