Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 74Page - STMicroelectronics ST95HF Datasheet HTML 75Page - STMicroelectronics ST95HF Datasheet HTML 76Page - STMicroelectronics ST95HF Datasheet HTML 77Page - STMicroelectronics ST95HF Datasheet HTML 78Page - STMicroelectronics ST95HF Datasheet HTML 79Page - STMicroelectronics ST95HF Datasheet HTML 80Page - STMicroelectronics ST95HF Datasheet HTML 81Page - STMicroelectronics ST95HF Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 93 page
background image
Examples of ST95HF command code to activate NFC Forum and ISO/IEC 15693 tags
ST95HF
78/93
DocID025630 Rev 4
REM, Response Result code Length Data (data byte+parity byte) Status
REM,
Row9 Write Scratch pad (ACK)
>>> 04 11
A200 0980 AA80 5580 AA80 5580 2900 7D80 18
<<<
90 04 0A 240000
REM,
Row9 Read Scratch pad
>>> 04 09
3080 0980 C380 3580 18
<<<
80 27 AA80 5580 AA80 5580 4500 7300 7300 6100 0080 FF80 0080 FF80
4500 4600 2000 5400 1780 B480
080000
REM,
Row9 Write Scratch pad (ACK)
>>> 04 11
A200 0980 0080 FF80 0080 FF80 C800 2780 18
<<<
90 04 0A 240000
REM,
Row9
Read Scratch pad
>>> 04 09
3080 0980 C380 3580 18
<<<
80 27 0080 FF80 0080 FF80 4500 7300 7300 6100 0080 FF80 0080 FF80
4500 4600 2000 5400 9A80 4880
080000
REM,
Select Sector 0 (NACK)
>>> 04 09
C200 FF80 C200 E880 18
<<<
90 04 00 240000
BREAK
>>> CR95HFDLL_RESET_SPI
<<< 8000
>>> CR95HFDLL_ECHO
<<< 5500
>>> CR95HFDLL_IDN
<<<
00 0F 4E46 4320 4653 324A 4153 5434 002ACE
D.1.5
NFC Forum Tag Type 4A
**** ST95HF code example to support NFC Forum Tag Type 4A (14443-A)
&
NDEF message
REM, 14443B (ST95HF Protocol Selection 14443_A)
REM, first Byte 01 in CR95HFDLL_STCMD is only requested by ST95HF
Development SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com