Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 72Page - STMicroelectronics ST95HF Datasheet HTML 73Page - STMicroelectronics ST95HF Datasheet HTML 74Page - STMicroelectronics ST95HF Datasheet HTML 75Page - STMicroelectronics ST95HF Datasheet HTML 76Page - STMicroelectronics ST95HF Datasheet HTML 77Page - STMicroelectronics ST95HF Datasheet HTML 78Page - STMicroelectronics ST95HF Datasheet HTML 79Page - STMicroelectronics ST95HF Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
Examples of ST95HF command code to activate NFC Forum and ISO/IEC 15693 tags
ST95HF
76/93
DocID025630 Rev 4
REM, All commands below are sent using Parity Framing mode option
which defines the parity bit value coming with data byte.
REM, All commands byte including CRC are sent or received in format
Data Byte Parity Byte.
REM, Special case occur when receiving single nibble for ACK (9004
0A 2400) or NAK (9004 0y 2400) where ‘y’ depends on error code.
REM, Row0 SN0 SN1 SN2 BCC0
REM, Read ROW0 option (cmd CRC1
addr CRC1 CRC2) Parity
automatically included
REM, response Result code Length Data Status
>>> 04 05
30 00 02 A8 08
<<<
80 15 04 CB 8C CB 1A 43 28 80 F1 48 00 00 E1 10 12 00 CF2F 080000
REM, Read ROW0 option Parity Framing (cmd CRC1
addr CRC1 CRC2)
Parity specify after each byte
REM, response Result code Length Data (data byte+parity byte) Status
>>> 04 09
3080 0080 0200 A800 18
<<<
80 27 0400 CB00 8C00 CB00 1A00 4300 2880 8000 F100 4880 0080 0080
E1
80 1000 1280 0080 CF80 2F00 080000
REM, Read ROW0 option Parity Framing (cmd CRC1
addr CRC1 CRC2)
with error in Parity
REM, Response Result code Length Data (data byte+parity byte) Status
REM, NACK
REM, CR95HFDLL_STCmd
REM, CR95HFDLL_STCmd
REM,
Read ROW1_9 option Parity Framing (cmd CRC1
addr CRC1 CRC2)
Parity specify after each byte
REM
REM,
Row1 SN3 SN4 SN5 SN6
>>> 04 09
3080 0100 8B80 B900 18
<<<
80 27 1A00 4300 2880 8000 F100 4880 0080 0080 E180 1000 1280 0080
0100 0380 A080 1000 1880 7A00
080000
REM,
Row2 BCC1 internal lock byte0 lock byte1
>>> 04 09
3080 0200 1000 8B80 18
<<<
80 27 F100 4880 0080 0080 E180 1000 1280 0080 0100 0380 A080 1000
4480 0380 0B00 D180 A580 4C00
080000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com