Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 17Page - STMicroelectronics ST95HF Datasheet HTML 18Page - STMicroelectronics ST95HF Datasheet HTML 19Page - STMicroelectronics ST95HF Datasheet HTML 20Page - STMicroelectronics ST95HF Datasheet HTML 21Page - STMicroelectronics ST95HF Datasheet HTML 22Page - STMicroelectronics ST95HF Datasheet HTML 23Page - STMicroelectronics ST95HF Datasheet HTML 24Page - STMicroelectronics ST95HF Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
DocID025630 Rev 4
21/93
ST95HF
Commands
92
5.4
Protocol Select command (0x02) description
This command selects the RF communication protocol and prepares the ST95HF for
communication with a reader or contactless tag.
Note that there is no ‘Field ON’ command. When the application selects an RF
communication protocol, the field automatically switches ON if the Reader state is selected.
When the application selects a protocol, the ST95HF performs all necessary settings: it will
choose the appropriate reception and transmission chains, switch ON or OFF the RF field
and connect the antenna accordingly.
Table 11. PROTOCOLSELECT command description
Direction
Data
Comments
Example
Host to
ST95HF
0x02
Command code
See Table 12: List of <Parameters>
values for the ProtocolSelect command
for different protocols (Reader) on
page 22.
See Table 13: List of <Parameters>
values for different protocols (Card
Emulation) on page 25.
<Len>
Length of data
<Protocol>
Protocol codes (Reader):
00
: Field OFF
01
: ISO/IEC 15693
02
: ISO/IEC 14443-A /
NFC Forum Tag Type 1,
Type 2, Type 4A
03
: ISO/IEC 14443-B /
NFC Forum Tag Type 4B
04
: ISO/IEC 18092 /
NFC Forum Tag Type 3
-------------------------------
Protocol codes (Card
Emulation):
12
: ISO/IEC 14443-A
13
: ST Reserved
(ISO/IEC 14443-B
under qualification)
14
: ST Reserved
(ISO/IEC 18092 under
qualification)
<Parameters>
Each protocol has a
different set of
parameters. See
Table 12.
ST95HF to
Host
0x00
Result code
<<<0x0000
Protocol is successfully selected
0x00
Length of data
ST95HF to
Host
0x82
Error code
<<<0x8200
Invalid command length
0x00
Length of data
ST95HF to
Host
0x83
Error code
<<<0x8300
Invalid protocol
0x00
Length of data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com