Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95HF Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 4Page - STMicroelectronics ST95HF Datasheet HTML 5Page - STMicroelectronics ST95HF Datasheet HTML 6Page - STMicroelectronics ST95HF Datasheet HTML 7Page - STMicroelectronics ST95HF Datasheet HTML 8Page - STMicroelectronics ST95HF Datasheet HTML 9Page - STMicroelectronics ST95HF Datasheet HTML 10Page - STMicroelectronics ST95HF Datasheet HTML 11Page - STMicroelectronics ST95HF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
Description
ST95HF
8/93
DocID025630 Rev 4
1
Description
The ST95HF is an integrated transceiver IC for contactless applications.
The ST95HF manages frame coding and decoding in Reader and Card Emulation modes
for standard applications such as Near Field Communication (NFC), proximity and vicinity
standards.
The ST95HF embeds an Analog Front End to provide the 13.56 MHz Air Interface.
The ST95HF supports ISO/IEC 14443 Type A and B communication in Reader and Card
Emulation modes, ISO/IEC 15693 (single or double subcarrier in Reader mode only) and
ISO/IEC 18092 communication protocols in Reader and Card Emulation modes.
The ST95HF also supports the detection, reading and writing of NFC Forum Type 1, 2, 3
and 4 tags.
1.1
Block diagram
Figure 1. ST95HF application overview
ST95HF
Host
Interrupt Management
SPI
Controller
(MCU)
Figure 2. ST95HF block diagram
ST95HF
Frame Controller
AFE IP
Configuration
register
Reader
ISO/IEC 14443
Type A and B
ISO/IEC 15693
ISO/IEC 18092
Digital
Tag/Field
Detector
Timer
Accelerators
Encoder/Decoder
FIFO
AFE
Signal
Mux
Mod/
Demod
Tag
Detector
Status
registers
User interface
SPI
Interrupt
Power & Clock
Management
Host
(User
Side)
XIN
XOUT
TX1
TX2
RX2
RX1
VPS_TX
GND_TX
VPS_Main
GND_Dig
GND_RX
27.12 MHz
Card Emulator
ISO/IEC 14443
Type A and B
ISO/IEC 18092



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com